Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA-0379 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

No. de pieza CXA-0379
Descripción Electrónicos  DC-AC INVERTER UNIT 30 W SIXFOLD OUTPUTS WITH DIMMING FUNCTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Página de inicio  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0379 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CXA-0379 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0379 Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-0379 Datasheet HTML 3Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC-AC INVERTER UNIT
CXA-0379(R) (30 W SIXFOLD OUTPUTS WITH DIMMING FUNCTION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specification are subject to change without notice.
Page (2)
Version 1.1.1, 23th October 2006
(PRELIMINARY INFORMATION)
Vin (V)
Vrmt
(V)
Vbr (V) Tu (°C)
Min.
Typ.
Max.
Output Current 1
Iout1~6
12.0±0.6
5±0.05
0
0 ~ +60
6.0
6.5
7.0
m Arm s
Hi M ax
Output Current 2
Iout1~6
12.0±0.6
5±0.05 5±0.05 0 ~ +60
5.5
6.0
6.5
m Arm s
Lo M ax
Output Current 3
Iout1~6
12.0±0.6
5±0.05
0
0 ~ +60
2.3
3.3
4.3
m Arm s
Hi M in
Output Current 4
Iout1~6
12.0±0.6
5±0.05 5±0.05 0 ~ +60
2.0
3.0
4.0
m Arm s
Lo M in
Input Current
Iin1
12.0±0.6
5±0.05
0
0 ~ +60
-
3.5
5.3
Adc
Hi M ax
Input Current
Iin2
12.0±0.6
0
0
0 ~ +60
-
0.1
1
m Adc
Remo t e Of f
Frequency
F1
12.0±0.6
5±0.05
0
0 ~ +60
54
59
64
kHz
Frequency (Duty)
F2
12.0±0.6
5±0.05
0
0 ~ +60
241
255
269
Hz
12.0±0.6
5±0.05
0
0 ~ +60
0.0
0.1
0.5
Vdc
12.0±0.6
5±0.05
0
0 ~ +60
4.5
5.1
5.5
Vdc
One lamp o p en
Alarm Signal
Vs t
Unit
Note
Parameters
Symbols
Conditions
Specification
ELECTRICAL CHARACTERISTICS :
Note 1 :
Please keep minimum of 2mm clearance (all directions) between inverter high voltage area as marked
on mechanical drawing and any conductors.
Input side CN2:
Pin No.
Symbols
Ratings
CN 2-1~2
GND
CN 2-3
Vs t
0 / 5.0 Vdc
CN 2-4
BRTC
0 / 5.0 Vdc
CN 2-5
BRTH
0 Vdc *1
CN 2-6
BRTL
0 ~ 1.0 Vdc or 0 ~ 10 k
*2
CN 2-7
BRTP
0 / 5.0 Vdc *3
CN 2-8
Hi/Lo
0 / 5.0 Vdc
CN 2-9
PWSEL
0 / 5.0 Vdc *4
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1~4
GND
CN 1-5~8
Vin
11.4 ~ 12.6 Vdc
Output side CN3~CN8
Pin No.
Symbols
Ratings
CN x-1
Vhigh
790 Vrm s (6.5 m Arm s )
CN x-2
Vlow
(GND)
Note:
*1 = Dimming pin –
*2 = Dimming pin +
*3 = PWM-Signal
*4 = PWM Signal Selection int. / ext.


Número de pieza similar - CXA-0379

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
CXA-0373 POWER-SYSTEMS-CXA-0373 Datasheet
186Kb / 2P
   DC-AC INVERTER UNIT 7.5 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0374 POWER-SYSTEMS-CXA-0374 Datasheet
178Kb / 2P
   DC-AC INVERTER UNIT 7 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0375 POWER-SYSTEMS-CXA-0375 Datasheet
182Kb / 2P
   DC-AC INVERTER UNIT 6.3 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0377 POWER-SYSTEMS-CXA-0377 Datasheet
192Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0377R POWER-SYSTEMS-CXA-0377R Datasheet
192Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS WITH DIMMING FUNCTION
More results

Descripción similar - CXA-0379

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Systems GmbH+Co.K...
PS-DA0602-01 POWER-SYSTEMS-PS-DA0602-01 Datasheet
151Kb / 2P
   DC-AC INVERTER UNIT 30 W SIXFOLD OUTPUTS
PS-DA0605-02 POWER-SYSTEMS-PS-DA0605-02 Datasheet
301Kb / 5P
   DC-AC INVERTER UNIT 28 W SIXFOLD OUTPUTS
PS-DA0605-01 POWER-SYSTEMS-PS-DA0605-01 Datasheet
287Kb / 5P
   DC-AC INVERTER UNIT 28 W SIXFOLD OUTPUTS
CXA-0375 POWER-SYSTEMS-CXA-0375 Datasheet
182Kb / 2P
   DC-AC INVERTER UNIT 6.3 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0374 POWER-SYSTEMS-CXA-0374 Datasheet
178Kb / 2P
   DC-AC INVERTER UNIT 7 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0377 POWER-SYSTEMS-CXA-0377 Datasheet
192Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0384 POWER-SYSTEMS-CXA-0384 Datasheet
226Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0359 POWER-SYSTEMS-CXA-0359 Datasheet
152Kb / 3P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0373 POWER-SYSTEMS-CXA-0373 Datasheet
186Kb / 2P
   DC-AC INVERTER UNIT 7.5 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0385 POWER-SYSTEMS-CXA-0385 Datasheet
107Kb / 2P
   DC-AC INVERTER UNIT 16 W QUAD OUTPUTS WITH DIMMING FUNCTION
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com