Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC8A02-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TPC8A02-H
Descripción Electrónicos  竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8A02-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8A02-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TPC8A02-H
2006-11-16
5
10
4.5
VGS = 0 V
5
VGS = 4.5 V
VGS = 10 V
ID = 4A,8A,16A
ID = 4A,8A,16A
Ambient temperature Ta (°C)
Dynamic input/output
characteristics
Total gate charge Qg (nC)
Ambient temperature Ta (°C)
RDS (ON) − Ta
Drain-source voltage VDS (V)
IDR − VDS
Drain-source voltage VDS (V)
Capacitance
− VDS
Vth − Ta
0.1
1000
−0.2
0
−1.0
−0.6
−0.4
−0.8
100
1
Common source
Ta
= 25°C
Pulse test
0
12
8
4
−40
−80
160
0
40
80
Common source
Pulse test
32
8
16
24
0
0
16
4
8
12
0
VDD = 24 V
VGS
VDS
Common source
ID = 16 A
Ta
= 25°C
Pulse test
20
30
40
10
3
2
1
0
−80
0
40
80
120
160
−40
Common source
VDS = 10 V
ID = 1 mA
Pulse test
100
10000
1000
1
0.1
100
10
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
10
120
2
0
0
40
80
120
1.2
1.6
160
0.8
0.4
Ambient temperature Ta (°C)
PD – Ta
(1)
(2)
(1) Device mounted on a glass-epoxy
board (a) (Note 2a)
(2) Device mounted on a glass-epoxy
board (b) (Note 2b)
t = 10s
10


Número de pieza similar - TPC8A02-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
TPC8A02-H VBSEMI-TPC8A02-H Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - TPC8A02-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCA8A04-H TOSHIBA-TPCA8A04-H Datasheet
201Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPC8A03-H TOSHIBA-TPC8A03-H Datasheet
217Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com