Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMNP04SB3R3N Datasheet(PDF) 8 Page - Maxim Integrated Products

No. de pieza LMNP04SB3R3N
Descripción Electrónicos  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMNP04SB3R3N Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button LMNP04SB3R3N Datasheet HTML 4Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 5Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 6Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 7Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 8Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 9Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 10Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 11Page - Maxim Integrated Products LMNP04SB3R3N Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
As the load current decreases, the converters enter a
pulse-skip mode in which the PWM comparator is dis-
abled. At light loads, efficency is enhanced by a
pulse-skip mode in which switching occurs only as
needed to service the load. Quiescent current in skip
mode is typically 16µA. See the Light-Load Switching
Waveforms and Load Transient graphs in the
Typical
Operating Characteristics.
Load-Transient Response/
Voltage Positioning
The MAX1556/MAX1556A/MAX1557 match the load
regulation to the voltage droop seen during transients.
This is sometimes called voltage positioning. The load
line used to achieve this behavior is shown in Figures 4
and 5. There is minimal overshoot when the load is
removed and minimal voltage drop during a transition
from light load to full load. Additionally, the MAX1556,
MAX1556A, and MAX1557 use a wide-bandwidth feed-
back loop to respond more quickly to a load transient
than regulators using conventional integrating feedback
loops (see Load Transient in the
Typical Operating
Characteristics).
The MAX1556/MAX1556A/MAX1557 use of a wide-band
control loop and voltage positioning allows superior
load-transient response by minimizing the amplitude
and duration of overshoot and undershoot in response
to load transients. Other DC-DC converters, with high
gain- control loops, use external compensation to main-
tain tight DC load regulation but still allow large voltage
droops of 5% or greater for several hundreds of
microseconds during transients. For example, if the
load is a CPU running at 600MHz, then a dip lasting
100µs corresponds to 60,000 CPU clock cycles.
Voltage positioning on the MAX1556/MAX1556A/
MAX1557 allows up to 2.25% (typ) of load-regulation
voltage shift but has no further transient droop. Thus,
during load transients, the voltage delivered to the CPU
remains within spec more effectively than with other
regulators that might have tighter initial DC accuracy. In
summary, a 2.25% load regulation with no transient
droop is much better than a converter with 0.5% load
regulation and 5% or more of voltage droop during load
transients. Load-transient variation can be seen only
with an oscilloscope (see the
Typical Operating
Characteristics), while DC load regulation read by a
voltmeter does not show how the power supply reacts
to load transients.
Dropout/100% Duty-Cycle Operation
The MAX1556/MAX1556A/MAX1557 function with a low
input-to-output voltage difference by operating at 100%
duty cycle. In this state, the high-side p-channel
MOSFET is always on. This is particularly useful in
battery-powered applications with a 3.3V output. The sys-
tem and load might operate normally down to 3V or less.
The MAX1556/MAX1556A/MAX1557 allow the output to
follow the input battery voltage as it drops below the regu-
lation voltage. The quiescent current in this state rises
minimally to only 27µA (typ), which aids in extending bat-
tery life. This dropout/100% duty-cycle operation achieves
long battery life by taking full advantage of the entire bat-
tery range.
The input voltage required to maintain regulation is a
function of the output voltage and the load. The differ-
ence between this minimum input voltage and the out-
put voltage is called the dropout voltage. The dropout
voltage is therefore a function of the on-resistance of
the internal p-channel MOSFET (RDS(ON)P) and the
inductor resistance (DCR).
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
8
_______________________________________________________________________________________
-2.5
-1.5
-2.0
-0.5
-1.0
0.5
0
1.0
0
200
400
800
600
1000
1200
LOAD CURRENT (mA)
VIN = 3.6V
VIN = 5.5V
VIN = 2.6V
Figure 4. MAX1556 Voltage-Positioning Load Line
Figure 5. MAX1557 Voltage-Positioning Load Line
0
200
400
600
LOAD CURRENT (mA)
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
VIN = 5.5V
VIN = 2.6V
VIN = 3.6V


Número de pieza similar - LMNP04SB3R3N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
LMN1A EIC-LMN1A Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION
LMN1B EIC-LMN1B Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION
LMN1D EIC-LMN1D Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION
LMN1G EIC-LMN1G Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION
LMN1J EIC-LMN1J Datasheet
108Kb / 2P
   GLASS PASSIVATED JUNCTION
More results

Descripción similar - LMNP04SB3R3N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
   16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com