Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC18F1XK22 Datasheet(PDF) 73 Page - Microchip Technology

No. de pieza PIC18F1XK22
Descripción Electrónicos  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
Download  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1XK22 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC18F1XK22 Datasheet HTML 69Page - Microchip Technology PIC18F1XK22 Datasheet HTML 70Page - Microchip Technology PIC18F1XK22 Datasheet HTML 71Page - Microchip Technology PIC18F1XK22 Datasheet HTML 72Page - Microchip Technology PIC18F1XK22 Datasheet HTML 73Page - Microchip Technology PIC18F1XK22 Datasheet HTML 74Page - Microchip Technology PIC18F1XK22 Datasheet HTML 75Page - Microchip Technology PIC18F1XK22 Datasheet HTML 76Page - Microchip Technology PIC18F1XK22 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 388 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41365D-page 73
PIC18F1XK22/LF1XK22
REGISTER 7-7:
PIE2: PERIPHERAL INTERRUPT ENABLE (FLAG) REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
OSCFIE
C1IE
C2IE
EEIE
BCLIE
—TMR3IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OSCFIE: Oscillator Fail Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 6
C1IE: Comparator C1 Interrupt Enable bit
1 = Enabled
0 = Disabled
bit 5
C2IE: Comparator C2 Interrupt Enable bit
1 = Enabled
0 = Disabled
bit 4
EEIE: Data EEPROM/Flash Write Operation Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 3
BCLIE: Bus Collision Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 2
Unimplemented: Read as ‘0’
bit 1
TMR3IE: TMR3 Overflow Interrupt Enable bit
1 = Enabled
0 =Disabled
bit 0
Unimplemented: Read as ‘0’


Número de pieza similar - PIC18F1XK22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC18F1XK50 MICROCHIP-PIC18F1XK50 Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
More results

Descripción similar - PIC18F1XK22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825 MICROCHIP-PIC16F1825 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F13K50 MICROCHIP-PIC18F13K50 Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC16F1825-I-ST MICROCHIP-PIC16F1825-I-ST Datasheet
3Mb / 418P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC16F1824 MICROCHIP-PIC16F1824 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F1XK50 MICROCHIP-PIC18F1XK50 Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com