Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCS8004 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TPCS8004
Descripción Electrónicos  High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8004 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCS8004 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8004 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8004 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8004 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8004 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8004 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8004 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCS8004
2009-09-29
4
0
0.5
1.0
1.5
2.0
3.0
0
4
8
12
16
20
2.5
0.32
0.6
1.3
ID = 2.6 A
Common source
Ta
= 25°C
Pulse test
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
−55°C
0
1
2
3
4
5
0
1
2
3
4
5
Ta
= 100°C
25°C
Common source
VDS = 10 V
Pulse test
RDS (ON) – ID
0
0
1
2
3
4
5
10
20
30
40
Common source
Ta
= 25°C
Pulse test
VGS = 3.6 V
3.8
4
4.2
4.4
4.6
4.8
10
8
6
0.05
0.1
0.5
1
5
0.05
0.1
0.3
0.5
1
3
5
15 V
Common source
Ta
= 25°C
Pulse test
VGS = 10 V
0.3
3
0.05
0.1
0.3
0.5
1
3
5
Common source
VDS = 10 V
Pulse test
Ta
= −55°C
25°C
100°C
0.05
0.1
0.5
1
5
7
0.3
3
8
6
0
2
4
6
8
10
Common source
Ta
= 25°C
Pulse test
4.4
4.2
4
3.8
VGS = 3.6 V
4.6
4.8
10
0
1
2
3
4
5


Número de pieza similar - TPCS8004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCS8004 TOSHIBA-TPCS8004 Datasheet
233Kb / 7P
   Silicon N Channel MOS Type (Pi-MOSV)
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
More results

Descripción similar - TPCS8004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H_09 Datasheet
228Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com