Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMAJ78CA Datasheet(PDF) 1 Page - Micro Commercial Components |
|
SMAJ78CA Datasheet(HTML) 1 Page - Micro Commercial Components |
1 / 4 page SMAJ5.0 THRU SMAJ440CA 400 Watt Transient Voltage Suppressors 5.0 to 440 Volts 0.05 0.085 ” 0.058 ” SUGGESTED SOLDER PAD LAYOUT MA X MI N MI N DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .157 .181 4.00 4.60 B .098 .114 2.50 2.90 C .006 .012 0.152 0.305 D..030 .060 0.76 1..52 E .188 .208 4.80 5.28 F .078 .096 2.00 2.44 G .055 .062 1.40 1.60 H .002 .008 0.051 0.203 Features • For Surface Mount Applications • Unidirectional And Bidirectional • Low Inductance • High Temp Soldering: 260 °C for 10 Seconds At Terminals • For Bidirectional Devices Add “C” To The Suffix of The Part Number: i.e.SMAJ5.0CA for 5% Tolerance 0D[LPXP5DWLQJ • Operating Temperature: -55 °C to +150°C • Storage Temperature: -55 °C to +150°C • Typical Thermal Resistance: 25 /W Junction to Ambient Peak Pulse Current on 10/1000 IPPM See Table 1 Note 2 Peak Pulse Power Dissipation PPPM Min 400 W Note 2, 6 Steady State Power Dissipation PM(AV) 1.0 W Note 2, 5 Peak Forward Surge Current IFSM 40A Note:5 2. Non-repetitive current pulse, per Fig.3 and derated above TA=25 per Fig.2. 3. Mounted on 5.0mm 2 copper pads to each terminal. 4. 8.3ms, single half sine wave duty cycle = 4 pulses per Minutes maximum. 5. Lead temperature at TL = 75 . 6. Peak pulse power waveform is 10/1000 . A B D C E F G H DO-214AC (SMA)( LEAD FRAME) omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: 12 2009/07/12 0HFKDQLFDO'DWD • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL rating 1 • Polarity: Indicated by cathode band except bi-directional types • UL Recognized File # E331408 TM Micro Commercial Components www.mccsemi.com 1 of 4 • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. |
Número de pieza similar - SMAJ78CA |
|
Descripción similar - SMAJ78CA |