Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ26A-TP Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza SMAJ26A-TP
Descripción Electrónicos  400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ26A-TP Datasheet(HTML) 3 Page - Micro Commercial Components

  SMAJ26A-TP Datasheet HTML 1Page - Micro Commercial Components SMAJ26A-TP Datasheet HTML 2Page - Micro Commercial Components SMAJ26A-TP Datasheet HTML 3Page - Micro Commercial Components SMAJ26A-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMAJ5.0 thru SMAJ440CA
MCC
Revision: 12
2009/07/12
ELECTRICAL CHARACTERISTICS @25 C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @ IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
UNI-POLAR
BI-POLAR
(VOLTS)
MIN
MAX
I T (mA)
(VOLTS)
(AMPS)
( A)
1
2
SMAJ5.0A
SMAJ5.0CA
5.0
6.40
7.00
10
9.2
43.5
800
AE
WE
SMAJ6.0A
SMAJ6.0CA
6.0
6.67
7.37
10
10.3
38.8
800
AG
WG
SMAJ6.5A
SMAJ6.5CA
6.5
7.22
7.98
10
11.2
35.7
500
AK
WK
SMAJ7.0A
SMAJ7.0CA
7.0
7.78
8.60
10
12.0
33.3
200
AM
WM
SMAJ7.5A
SMAJ7.5CA
7.5
8.33
9.21
1
12.9
31.0
100
AP
WP
SMAJ8.0A
SMAJ8.0CA
8.0
8.89
9.83
1
13.6
29.4
50
AR
WR
SMAJ8.5A
SMAJ8.5CA
8.5
9.44
10.4
1
14.4
27.7
10
AT
WT
SMAJ9.0A
SMAJ9.0CA
9.0
10.0
11.1
1
15.4
26.0
5
AV
WV
SMAJ10A
SMAJ10CA
10
11.1
12.3
1
17.0
23.5
5
AX
WX
SMAJ11A
SMAJ11CA
11
12.2
13.5
1
18.2
22.0
5
AZ
WZ
SMAJ12A
SMAJ12CA
12
13.3
14.7
1
19.9
20.1
5
BE
XE
SMAJ13A
SMAJ13CA
13
14.4
15.9
1
21.5
18.6
5
BG
XG
SMAJ14A
SMAJ14CA
14
15.6
17.2
1
23.2
17.2
5
BK
XK
SMAJ15A
SMAJ15CA
15
16.7
18.5
1
24.4
16.4
5
BM
XM
SMAJ16A
SMAJ16CA
16
17.8
19.7
1
26.0
15.3
5
BP
XP
SMAJ17A
SMAJ17CA
17
18.9
20.9
1
27.6
14.5
5
BR
XR
SMAJ18A
SMAJ18CA
18
20.0
22.1
1
29.2
13.7
5
BT
XT
SMAJ20A
SMAJ20CA
20
22.2
24.5
1
32.4
12.3
5
BV
XV
SMAJ22A
SMAJ22CA
22
24.4
26.9
1
35.5
11.2
5
BX
X
X
SMAJ24A
SMAJ24CA
24
26.7
29.5
1
38.9
10.3
5
BZ
XZ
SMAJ26A
SMAJ26CA
26
28.9
31.9
1
42.1
9.5
5
CE
YE
SMAJ28A
SMAJ28CA
28
31.1
34.4
1
45.4
8.8
5
CG
YG
SMAJ30A
SMAJ30CA
30
33.3
36.8
1
48.4
8.3
5
CK
YK
SMAJ33A
SMAJ33CA
33
36.7
40.6
1
53.3
7.5
5
CM
YM
SMAJ36A
SMAJ36CA
36
40.0
44.2
1
58.1
6.9
5
CP
YP
SMAJ40A
SMAJ40CA
40
44.4
49.1
1
64.5
6.2
5
CR
YR
SMAJ43A
SMAJ43CA
43
47.8
52.8
1
69.4
5.7
5
CT
YT
SMAJ45A
SMAJ45CA
45
50.0
55.3
1
72.7
5.5
5
CV
YV
SMAJ48A
SMAJ48CA
48
53.3
58.9
1
77.4
5.2
5
CX
YX
SMAJ51A
SMAJ51CA
51
56.7
62.7
1
82.4
4.9
5
CZ
YZ
SMAJ54A
SMAJ54CA
54
60.0
66.3
1
87.1
4.6
5
RE
ZE
SMAJ58A
SMAJ58CA
58
64.4
71.2
1
93.6
4.3
5
RG
ZG
SMAJ60A
SMAJ60CA
60
66.7
73.7
1
96.8
4.1
5
RK
ZK
SMAJ64A
SMAJ64CA
64
71.1
78.6
1
103
3.9
5
RM
ZM
SMAJ70A
SMAJ70CA
70
77.8
86.0
1
113
3.5
5
RP
ZP
SMAJ75A
SMAJ75CA
75
83.3
92.1
1
121
3.3
5
RR
ZR
SMAJ78A
SMAJ78CA
78
86.7
95.8
1
126
2.2
5
RT
ZT
SMAJ85A
SMAJ85CA
85
94.4
104
1
137
2.9
5
RV
ZV
SMAJ90A
SMAJ90CA
90
100
111
1
146
2.7
5
RX
ZX
SMAJ100A
SMAJ100CA
100
111
123
1
162
2.5
5
RZ
ZZ
SMAJ110A
SMAJ110CA
110
122
135
1
177
2.3
5
SE
VE
SMAJ120A
SMAJ120CA
120
133
147
1
193
2.1
5
SG
VG
SMAJ130A
SMAJ130CA
130
144
159
1
209
1.9
5
SK
VK
SMAJ150A
SMAJ150CA
150
167
185
1
243
1.6
5
SM
VM
SMAJ160A
SMAJ160CA
160
178
197
1
259
1.5
5
SP
VP
SMAJ170A
SMAJ170CA
170
189
209
1
275
1.5
5
SR
VR
SMAJ180A
SMAJ180CA
180
201
222
1
292
1.4
5
ST
VT
SMAJ200A
SMAJ200CA
200
224
247
1
324
1.2
5
SV
VV
SMAJ220A
SMAJ220CA
220
246
272
1
356
1.1
5
SX
VX
SMAJ250A
SMAJ250CA
250
279
309
1
405
1.0
5
SZ
VZ
SMAJ300A
SMAJ300CA
300
335
371
1
486
0.8
5
TE
UE
SMAJ350A
SMAJ350CA
350
391
432
1
567
0.7
5
TG
UG
SMAJ400A
SMAJ400CA
400
447
494
1
648
0.6
5
TK
UK
SMAJ440A
SMAJ440CA
440
492
543
1
713
0.6
5
TM
UM
For bi-directional type having Vrwm of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is +10%.
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Número de pieza similar - SMAJ26A-TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMAJ26A-TR STMICROELECTRONICS-SMAJ26A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMAJ26A-TR STMICROELECTRONICS-SMAJ26A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMAJ26A-TR STMICROELECTRONICS-SMAJ26A-TR Datasheet
148Kb / 10P
   Transil™
July 2010 Doc ID 5544 Rev 12
More results

Descripción similar - SMAJ26A-TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMAJ5.0 MCC-SMAJ5.0_11 Datasheet
236Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 440 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com