Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F785 Datasheet(PDF) 91 Page - Microchip Technology

No. de pieza PIC16F785
Descripción Electrónicos  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F785_08 Datasheet HTML 87Page - Microchip Technology PIC16F785_08 Datasheet HTML 88Page - Microchip Technology PIC16F785_08 Datasheet HTML 89Page - Microchip Technology PIC16F785_08 Datasheet HTML 90Page - Microchip Technology PIC16F785_08 Datasheet HTML 91Page - Microchip Technology PIC16F785_08 Datasheet HTML 92Page - Microchip Technology PIC16F785_08 Datasheet HTML 93Page - Microchip Technology PIC16F785_08 Datasheet HTML 94Page - Microchip Technology PIC16F785_08 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 206 page
background image
© 2008 Microchip Technology Inc.
DS41249E-page 89
PIC16F785/HV785
12.4
Effects of Reset
A device Reset forces all registers to their Reset state.
Thus, the A/D module is turned off and any pending
conversion
is
aborted.
The
ADRESH:ADRESL
registers are unchanged.
12.5
Use of the CCP Trigger
An A/D conversion can be started by the “special event
trigger” of the CCP module. This requires that the
CCP1M3:CCP1M0 bits of the CCP1CON Register be
programmed as ‘1011’ and that the A/D module is
enabled (ADON bit is set). When the trigger occurs, the
GO/DONE bit will be set, starting the A/D conversion
and the Timer1 counter will be reset to zero. Timer1 is
reset to automatically repeat the A/D acquisition period
with
minimal
software
overhead
(moving
the
ADRESH:ADRESL to the desired location).
The appropriate analog input channel must be selected
and the minimum acquisition done before the “special
event trigger” sets the GO/DONE bit (starts a
conversion).
If the A/D module is not enabled (ADON is cleared), then
the “special event trigger” will be ignored by the
A/D
module, but will still reset the Timer1 counter. See
Section 8.0 “Capture/Compare/PWM (CCP) Module”
for more information.
TABLE 12-3:
SUMMARY OF A/D REGISTERS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
ADCON0
ADFM
VCFG
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
0000 0000
0000 0000
ADCON1
ADCS2
ADCS1
ADCS0
-000 ----
-000 ----
ADRESH
Most Significant 8 bits of the left justified A/D result or 2 bits of the right justified result
xxxx xxxx
uuuu uuuu
ADRESL
Least Significant 2 bits of the left justified A/D result or 8 bits of the right justified result
xxxx xxxx
uuuu uuuu
ANSEL0
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
ANSEL1
ANS11
ANS10
ANS9
ANS8
---- 1111
---- 1111
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
0000 0000
PIE1
EEIE
ADIE
CCP1IE
C2IE
C1IE
OSFIE
TMR2IE
TMR1IE
0000 0000
0000 0000
PIR1
EEIF
ADIF
CCP1IF
C2IF
C1IF
OSFIF
TMR2IF
TMR1IF
0000 0000
0000 0000
PORTA
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
PORTB
RB7
RB6
RB5
RB4
xxxx ----
uuuu ----
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
TRISA
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
1111 ----
1111 ----
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented read as ‘0’. Shaded cells are not used for A/D module.


Número de pieza similar - PIC16F785_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
More results

Descripción similar - PIC16F785_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
PIC16F785 MICROCHIP-PIC16F785 Datasheet
1Mb / 178P
   20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers
2004
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
   18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com