Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F785 Datasheet(PDF) 95 Page - Microchip Technology

No. de pieza PIC16F785
Descripción Electrónicos  20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785 Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F785_08 Datasheet HTML 91Page - Microchip Technology PIC16F785_08 Datasheet HTML 92Page - Microchip Technology PIC16F785_08 Datasheet HTML 93Page - Microchip Technology PIC16F785_08 Datasheet HTML 94Page - Microchip Technology PIC16F785_08 Datasheet HTML 95Page - Microchip Technology PIC16F785_08 Datasheet HTML 96Page - Microchip Technology PIC16F785_08 Datasheet HTML 97Page - Microchip Technology PIC16F785_08 Datasheet HTML 98Page - Microchip Technology PIC16F785_08 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 206 page
background image
© 2008 Microchip Technology Inc.
DS41249E-page 93
PIC16F785/HV785
REGISTER 13-1:
PWMCON0: PWM CONTROL REGISTER 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PRSEN
PASEN
BLANK2
BLANK1
SYNC1
SYNC0
PH2EN
PH1EN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PRSEN: PWM Restart Enable bit
1
= Upon auto-shutdown, the PWMASE shutdown bit clears automatically once the shutdown condi-
tion goes away. The PWM restarts automatically.
0
= Upon auto-shutdown, the PWMASE must be cleared in firmware to restart the PWM.
bit 6
PASEN: PWM Auto-Shutdown Enable bit
0
= PWM auto-shutdown is disabled
1
=VIL on INT pin will cause auto-shutdown event
bit 5
BLANK2: PH2 Blanking bit(1)
1
= The PH2 pin is active for a minimum of 1/2 of an FOSC clock period after it is set
0
= The PH2 pin is reset as soon as the comparator trigger is active
bit 4
BLANK1: PH1 Blanking bit(1)
1
= The PH1 pin is active for a minimum of 1/2 of an FOSC clock period after it is set
0
= The PH1 pin is reset as soon as the comparator trigger is active
bit 3-2
SYNC<1:0>: SYNC Pin Function bits
0X
= SYNC pin not used for PWM. PWM acts as its own master. RB7/SYNC pin is available for gen-
eral purpose I/O.
10
= SYNC pin acts as system slave, receiving the PWM counter reset pulse
11
= SYNC pin acts as system master, driving the PWM counter reset pulse
bit 1
PH2EN: PH2 Pin Enabled bit
1
=
The PH2 pin is driven by the PWM signal
0
=
The PH2 pin is not used for PWM functions
bit 0
PH1EN: PH1 Pin Enabled bit
1
= The PH1 pin is driven by the PWM signal
0
= The PH1 pin is not used for PWM functions
Note 1: Blanking is disabled when operating in complementary mode. See COMOD<1:0> bits in the PWMCON1
register (Register 13-5) for more information.


Número de pieza similar - PIC16F785_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
More results

Descripción similar - PIC16F785_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
PIC16F785 MICROCHIP-PIC16F785_05 Datasheet
3Mb / 184P
   20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
2005
PIC16F785 MICROCHIP-PIC16F785 Datasheet
1Mb / 178P
   20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers
2004
PIC16F85 MICROCHIP-PIC16F85 Datasheet
69Kb / 4P
   18/20 Pin, 8-Bit CMOS FLASH Microcontroller with Comparators and A/D Product Brief
2001
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com