Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40200-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40200-EP
Descripción Electrónicos  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40200-EP Datasheet(HTML) 5 Page - Texas Instruments

  TPS40200-EP Datasheet HTML 1Page - Texas Instruments TPS40200-EP Datasheet HTML 2Page - Texas Instruments TPS40200-EP Datasheet HTML 3Page - Texas Instruments TPS40200-EP Datasheet HTML 4Page - Texas Instruments TPS40200-EP Datasheet HTML 5Page - Texas Instruments TPS40200-EP Datasheet HTML 6Page - Texas Instruments TPS40200-EP Datasheet HTML 7Page - Texas Instruments TPS40200-EP Datasheet HTML 8Page - Texas Instruments TPS40200-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-50
-25
0
25
50
75
100
125
Temperature-°C
1.56
1.57
1.58
1.59
1.6
1.61
1.62
1.63
1.64
1.65
1.66
V
=12V
DD
5
10
15
20
25
30
35
40
45
50
55
V
-V
DD
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
Temperature-°C
4
4.05
4.1
4.15
4.2
4.25
4.3
Turnoff
Turnon
-50
-25
0
25
50
75
100
125
Temperature-°C
153.5
154
154.5
155
155.5
156
156.5
V
=12V
DD
TPS40200-EP
SGLS371 – JANUARY 2007
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Switching frequency-setting RC network. Connect capacitor from RC pin to GND pin and resistor from VIN
RC
1
I
pin to RC pin. The device may be synchronized to an external clock by connecting an open-drain output to
this pin and pulling it to GND. The pulse width for synchronization should not be excessive.
Soft-start programming pin. Connect capacitor from SS to GND to program soft-start time. Pulling this pin
SS
2
I
below 150 mV causes the output switching to stop, placing the device in a shutdown state. The pin also
functions as a restart timer for overcurrent events.
COMP
3
O
Compensation. Error amplifier output. Connect control-loop compensation network from COMP to FB.
FB
4
I
Feedback. Error amplifier inverting input. Connect feedback resistor network center tap to this pin.
GND
5
Device ground
GDRV
6
O
Driver output for external P-channel MOSFET
Current-sense comparator input. Connect a current sense resistor between ISNS and VDD in order to set
ISNS
7
I
desired overcurrent threshold.
VDD
8
I
System input voltage. Connect local bypass capacitor from VDD to GND.
QUIESCENT CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs VDD
Figure 3.
Figure 4.
SOFT-START THRESHOLD vs TEMPERATURE
UVLO TURNON AND TURNOFF vs TEMPERATURE
Figure 5.
Figure 6.
5
Submit Documentation Feedback


Número de pieza similar - TPS40200-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI1-TPS40200-EP Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Descripción similar - TPS40200-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI-TPS40200-Q1_15 Datasheet
694Kb / 40P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com