Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CSD17312Q5 Datasheet(Hoja de datos) 3 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. CSD17312Q5
Descripción  30V N-Channel NexFET™ Power MOSFET
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 3 page
background image
GATE
Source
DRAIN
M0137-02
GATE
Source
DRAIN
M0137-01
t - Pulse Duration - s
p
0.001
0.01
0.1
1
10
100
1k
0.001
0.01
0.1
1
10
G012
Duty Cycle = t /t
1 2
t
1
t
2
Typical R
= 95 C/W (min Cu)
T = P
Z
R
q
q
q
JA
J
JA
JA
°
´
´
P
Single Pulse
0.01
0.02
0.05
0.1
0.3
0.5
CSD17312Q5
www.ti.com
SLPS256 – MARCH 2010
Max RqJA = 49°C/W
Max RqJA = 119°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
Text Added For Spacing
Text Added For Spacing
Text Added For Spacing
Text Added For Spacing
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CSD17312Q5




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl