Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLPA200PFC Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza DLPA200PFC
Descripción Electrónicos  DLP짰 DLPA200 DMD Micromirror Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DLPA200PFC Datasheet(HTML) 3 Page - Texas Instruments

  DLPA200PFC Datasheet HTML 1Page - Texas Instruments DLPA200PFC Datasheet HTML 2Page - Texas Instruments DLPA200PFC Datasheet HTML 3Page - Texas Instruments DLPA200PFC Datasheet HTML 4Page - Texas Instruments DLPA200PFC Datasheet HTML 5Page - Texas Instruments DLPA200PFC Datasheet HTML 6Page - Texas Instruments DLPA200PFC Datasheet HTML 7Page - Texas Instruments DLPA200PFC Datasheet HTML 8Page - Texas Instruments DLPA200PFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DLPA200
www.ti.com
DLPS015A – APRIL 2010 – REVISED JUNE 2010
Device Marking
The device marking consists of the fields shown in Figure 1.
Figure 1. Device Marking (Device Top View)
TERMINAL FUNCTIONS
TERMINAL
I/O
(INPUT
DESCRIPTION
NAME
NO.
DEFAULT)
OUT00
22
Output
16 micromirror clocking waveform outputs (enabled by OE = 0).
OUT01
24
Output
OUT02
27
Output
OUT03
29
Output
OUT04
32
Output
OUT05
34
Output
OUT06
37
Output
OUT07
39
Output
OUT08
62
Output
OUT09
64
Output
OUT10
67
Output
OUT11
69
Output
OUT12
72
Output
OUT13
74
Output
OUT14
77
Output
OUT15
79
Output
A0
19
Input (pull down)
Output Address. Used to select which OUTxx pin is active at a given time.
A1
18
Input (pull down)
A2
17
Input (pull down)
A3
16
Input (pull down)
MODE0
3
Input (pull down)
Mode Select. Used to determine the operating mode of the DLPA200.
MODE1
2
Input (pull down)
SEL0
5
Input (pull down)
Output Voltage Select. Used to switch the voltage applied to the addressed OUTxx
pin.
SEL1
4
Input (pull down)
STROBE
15
Input (pull down)
A rising edge on STROBE latches in the control signals after a tri-state delay.
Asynchronous input controls whether the 16 OUTxx pins are active or are in a in
OE
6
Input (pull up)
high-impedance state.
OE = 0 : Enabled. OE = 1 : High Z.
RESET
59
Input (pull up)
Resets the DLPA200 internal logic. Active low. Asynchronous.
SCPEN
58
Input (pull up)
Enables serial bus data transfers. Active low.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DLPA200


Número de pieza similar - DLPA200PFC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA200PFC TI-DLPA200PFC Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200PFCT TI-DLPA200PFCT Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
More results

Descripción similar - DLPA200PFC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLPA200 TI-DLPA200_1 Datasheet
272Kb / 20P
[Old version datasheet]   DLP짰 DLPA200 DMD Micromirror Driver
DLPA200_15 TI-DLPA200_15_15 Datasheet
431Kb / 29P
[Old version datasheet]   DLPA200 DLP짰 DMD Micromirror Driver9
DLPA200 TI1-DLPA200 Datasheet
438Kb / 29P
[Old version datasheet]   DMD Micromirror Driver
DLPA300 TI-DLPA300 Datasheet
1Mb / 27P
[Old version datasheet]   DLPA300 DMD Micromirror Driver
OCTOBER 2021
DLP5500 TI-DLP5500 Datasheet
2Mb / 27P
[Old version datasheet]   DLP짰 0.55 XGA Series 450 DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP1700 TI1-DLP1700 Datasheet
1Mb / 25P
[Old version datasheet]   DLP짰 0.17 HVGA DDR Series 210 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com