Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A8008 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS7A8008
Descripción Electrónicos  Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8008 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A8008 Datasheet HTML 3Page - Texas Instruments TPS7A8008 Datasheet HTML 4Page - Texas Instruments TPS7A8008 Datasheet HTML 5Page - Texas Instruments TPS7A8008 Datasheet HTML 6Page - Texas Instruments TPS7A8008 Datasheet HTML 7Page - Texas Instruments TPS7A8008 Datasheet HTML 8Page - Texas Instruments TPS7A8008 Datasheet HTML 9Page - Texas Instruments TPS7A8008 Datasheet HTML 10Page - Texas Instruments TPS7A8008 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
100
200
300
400
500
700
600
800
900
I
(mA)
OUT
1000
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
5
10
15
20
I
(mA)
OUT
25
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
0.824
0.816
0.818
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
V
(V)
IN
6.6
5.8
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
V
=0.8V
OUT
OUT
I
=750mA
0.824
0.816
0.808
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
V
(V)
IN
6.6
5.8
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
V
=0.8V
OUT
OUT
I
=5mA
NOTE:Yaxisshows1%V
perdivision
OUT
TPS7A80xx
www.ti.com
SBVS135A – JUNE 2010 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS: TPS7A8001
At VOUT(TYP) = 3.3V, VIN = VOUT(TYP) + 0.5V or 2.2V (whichever is greater), IOUT = 100mA, VEN = VIN, CIN = 1mF, COUT = 4.7mF, and
CNR = 0.01mF, all temperature values refer to TJ, unless otherwise noted.
LOAD REGULATION
LOAD REGULATION UNDER LIGHT LOADS
Figure 3.
Figure 4.
LINE REGULATION
LINE REGULATION UNDER LIGHT LOADS
Figure 5.
Figure 6.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Número de pieza similar - TPS7A8008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A8001DRBR TI-TPS7A8001DRBR Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001DRBR TI1-TPS7A8001DRBR Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001DRBT TI-TPS7A8001DRBT Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001DRBT TI1-TPS7A8001DRBT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
More results

Descripción similar - TPS7A8008

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com