Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS22960 Datasheet(PDF) 17 Page - Texas Instruments

No. de Pieza. TPS22960
Descripción  LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS22960 Datasheet(HTML) 17 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PARAMETER MEASUREMENT INFORMATION
ON(A)
OFF
TPS22960
GND
GND
GND
RL
CL
VOUT
VIN
+
CIN =1 F
µ
TEST CIRCUIT
90%
90%
VOUT
tr
tf
10%
10%
V
/2
OUT
VOUT
V
/2
OUT
V
/2
ON
V
/2
ON
VON
VON
0 V
0 V
1.8 V
VOH
VOL
tON
tOFF
t
/t
WAVEFORMS
ON OFF
TPS22960
www.ti.com ..................................................................................................................................................................................................... SLVS914 – APRIL 2009
A.
trise and tfall of the control signal is 100 ns.
Figure 28. Test Circuit and tON/tOFF Waveforms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS22960


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn