Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5281IRGCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5281IRGCR
Descripción Electrónicos  12-Bit Octal-Channel ADC Family Up to 65MSPS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS5281IRGCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5281IRGCR Datasheet HTML 4Page - Texas Instruments ADS5281IRGCR Datasheet HTML 5Page - Texas Instruments ADS5281IRGCR Datasheet HTML 6Page - Texas Instruments ADS5281IRGCR Datasheet HTML 7Page - Texas Instruments ADS5281IRGCR Datasheet HTML 8Page - Texas Instruments ADS5281IRGCR Datasheet HTML 9Page - Texas Instruments ADS5281IRGCR Datasheet HTML 10Page - Texas Instruments ADS5281IRGCR Datasheet HTML 11Page - Texas Instruments ADS5281IRGCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
www.ti.com
ADS5281
ADS5282
SBAS397H – DECEMBER 2006 – REVISED MARCH 2008
Table 1. PIN DESCRIPTIONS: TQFP-80 (continued)
PIN NAME
DESCRIPTION
PIN NUMBER
# OF PINS
IN2P
Positive differential input signal, channel 2
5
1
IN3N
Negative differential input signal, channel 3
10
1
IN3P
Positive differential input signal, channel 3
9
1
IN4N
Negative differential input signal, channel 4
13
1
IN4P
Positive differential input signal, channel 4
12
1
IN5N
Negative differential input signal, channel 5
49
1
IN5P
Positive differential input signal, channel 5
48
1
IN6N
Negative differential input signal, channel 6
52
1
IN6P
Positive differential input signal, channel 6
51
1
IN7N
Negative differential input signal, channel 7
56
1
IN7P
Positive differential input signal, channel 7
55
1
IN8N
Negative differential input signal, channel 8
59
1
IN8P
Positive differential input signal, channel 8
58
1
INT/EXT
Internal/external reference mode select input
69
1
ISET
Bias pin—56.2k
Ω to ground
64
1
LCLKN
LVDS bit clock (6X)—negative output
20
1
LCLKP
LVDS bit clock (6X)—positive output
19
1
LVDD
Digital and I/O power supply, 1.8V
25, 35
2
LVSS
Digital ground
15, 17, 18, 26, 36, 43, 44, 46
8
NC
No connection (or connect to ground)
62
1
OUT1N
LVDS channel 1—negative output
22
1
OUT1P
LVDS channel 1—positive output
21
1
OUT2N
LVDS channel 2—negative output
24
1
OUT2P
LVDS channel 2—positive output
23
1
OUT3N
LVDS channel 3—negative output
28
1
OUT3P
LVDS channel 3—positive output
27
1
OUT4N
LVDS channel 4—negative output
30
1
OUT4P
LVDS channel 4—positive output
29
1
OUT5N
LVDS channel 5—negative output
32
1
OUT5P
LVDS channel 5—positive output
31
1
OUT6N
LVDS channel 6—negative output
34
1
OUT6P
LVDS channel 6—positive output
33
1
OUT7N
LVDS channel 7—negative output
38
1
OUT7P
LVDS channel 7—positive output
37
1
OUT8N
LVDS channel 8—negative output
40
1
OUT8P
LVDS channel 8—positive output
39
1
PD
Power-down input
16
1
REFB
Negative reference input/output
66
1
REFT
Positive reference input/output
67
1
RESET
Active low RESET input
45
1
SCLK
Serial clock input
78
1
SDATA
Serial data input
77
1
TP
Test pin, do not use
61
1
VCM
Common-mode output pin, 1.5V output
65
1
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5281 ADS5282


Número de pieza similar - ADS5281IRGCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5281IRGCR TI-ADS5281IRGCR Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
More results

Descripción similar - ADS5281IRGCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5281 TI-ADS5281 Datasheet
913Kb / 41P
[Old version datasheet]   12-Bit Octal-Channel ADC Family Up to 65MSPS
ADS5287IRGCRG4 TI-ADS5287IRGCRG4 Datasheet
824Kb / 42P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
ADS5287 TI-ADS5287 Datasheet
476Kb / 31P
[Old version datasheet]   10-Bit, Octal-Channel ADC Up to 65MSPS
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
   65Msps, 12-Bit ADC
2004
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com