Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28227FUZ Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza ISL28227FUZ
Descripción Electrónicos  Precision Single and Dual Low Noise Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28227FUZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL28227FUZ Datasheet HTML 1Page - Intersil Corporation ISL28227FUZ Datasheet HTML 2Page - Intersil Corporation ISL28227FUZ Datasheet HTML 3Page - Intersil Corporation ISL28227FUZ Datasheet HTML 4Page - Intersil Corporation ISL28227FUZ Datasheet HTML 5Page - Intersil Corporation ISL28227FUZ Datasheet HTML 6Page - Intersil Corporation ISL28227FUZ Datasheet HTML 7Page - Intersil Corporation ISL28227FUZ Datasheet HTML 8Page - Intersil Corporation ISL28227FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL28127, ISL28227
5
FN6633.3
March 18, 2010
PSRR
Power Supply Rejection Ratio
ISL28127
VS = ±2.25V to ±20V
115
125
-
dB
VS = ±3V to ± 20V
115
-
-
dB
Power Supply Rejection Ratio
ISL28227
VS = ±2.25V to ±20V
110
117
-
dB
VS = ±3V to ± 20V
110
--
dB
AVOL
Open-Loop Gain
VO = -13V to +13V
RL = 10kΩ to ground
1000
1500
-
V/mV
VOH
Output Voltage High
RL = 10kΩ to ground
13.5
13.65
-
V
13.2
--
V
RL = 2kΩ to ground
13.4
13.5
-
V
13.1
-
-
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-
-13.65
-13.5
V
-
-
-13.2
V
RL = 2kΩ to ground
-
-13.5
-13.4
V
-
-
-13.1
V
IS
Supply Current/Amplifier
-
2.2
2.8
mA
-
-
3.7
mA
ISC
Short-Circuit
RL = 0Ω to ground
-
±45
-
mA
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
±2.25
-
±20
V
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
10
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
85
nVP-P
en
Voltage Noise Density
f = 10Hz
3
nV/√Hz
en
Voltage Noise Density
f = 100Hz
2.8
nV/√Hz
en
Voltage Noise Density
f = 1kHz
2.5
nV/√Hz
en
Voltage Noise Density
f = 10kHz
2.5
nV/√Hz
in
Current Noise Density
f = 10kHz
0.4
pA/√Hz
THD + N
Total Harmonic Distortion +
Noise
1kHz, G = 1, VO = 3.5VRMS,
RL = 2kΩ
0.00022
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2kΩ, VO = 4VP-P
±3.6
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
36
ns
Fall Time
90% to 10% of VOUT
AV = -1, VOUT = 100mVP-P,
Rf = Rg = 2kΩ, RL = 2kΩ to VCM
38
ns
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1 VOUT = 10VP-P,
Rg = Rf =10k, RL = 2kΩ to VCM
3.4
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P,
RL = 2kΩ to VCM
3.8
µs
tOL
Output Overload Recovery Time AV = 100, VIN = 0.2V
RL = 2kΩ to VCM
1.7
µs
Electrical Specifications VS ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Número de pieza similar - ISL28227FUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28227FUZ INTERSIL-ISL28227FUZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28227FUZ RENESAS-ISL28227FUZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

Descripción similar - ISL28227FUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com