Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMLA13WBDW Datasheet(PDF) 2 Page - Rohm

No. de pieza SMLA13WBDW
Descripción Electrónicos  Side View Chip LEDs High Brightness Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SMLA13WBDW Datasheet(HTML) 2 Page - Rohm

  SMLA13WBDW Datasheet HTML 1Page - Rohm SMLA13WBDW Datasheet HTML 2Page - Rohm SMLA13WBDW Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
SMLA13WBDW
----
SMLA13WBDW
----
SMLA13WBDW
----
SMLA13WBDW
----
SMLA13WBDW
----
FORWARD VOLTAGE : VF
(V)
0.1
1.0
10.0
100.0
2.0
4.0
3.5
3.0
2.5
Ta=25
°C
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-30
-10 0 10 20 30 40 50 60 70
-20
90
80
100
CASE TEMPERATURE : Tc
(
°C)
10.00
1.00
0.10
0.01
FORWARD CURRENT : IF
(
mA)
110
20
0.1
1
1
5
10
10
100
1000
10000
PULSE DURATION : Tw
(µs)
20
10
0
010 20 30 40 50
70 80
60
90 100
30
AMBIENT TEMPERATURE : Ta
(
°C)
IF=10mA
Ta=25
°C
0.32
0.33
0.30
0.31
0.29
0.29
0.30
0.31
0.33
0.32
0.34
0.34
x
SMLA13WBDW
----
Forward Current - Chromaticity Diagram
(5mA)
(10mA)
(20mA)


Número de pieza similar - SMLA13WBDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SMLA13WBDW ROHM-SMLA13WBDW Datasheet
1Mb / 4P
   Side-view type
More results

Descripción similar - SMLA13WBDW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-A12 ROHM-SML-A12 Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SMLC14WBEPW ROHM-SMLC14WBEPW Datasheet
139Kb / 2P
   Side View Chip LEDs 1504 <3.8 1.0 t=0.6mm> High Brightness Type
SMLA13BDT ROHM-SMLA13BDT Datasheet
100Kb / 2P
   Side View Chip LEDs 0605 <1.6 1.15 t=0.55mm> High Brightness Type
SMLA13 ROHM-SMLA13 Datasheet
96Kb / 2P
   Side View Chip LEDs 0605 <1.6 1.15 t=0.55mm> High Brightness Type
SML-A10 ROHM-SML-A10 Datasheet
314Kb / 3P
   Standard Type Side view chip LEDs
SMLA12WB ROHM-SMLA12WB Datasheet
117Kb / 3P
   Side View Chip LEDs
SML-A12X8 ROHM-SML-A12X8 Datasheet
111Kb / 3P
   Side View Chip LEDs
SML-A12 ROHM-SML-A12_06 Datasheet
123Kb / 3P
   Side View Chip LEDs
SMLF13WBDW ROHM-SMLF13WBDW Datasheet
103Kb / 2P
   Side View Chip LEDs 0704 Low Current Type
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com