Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU6568GVW-E2 Datasheet(PDF) 9 Page - Rohm

No. de pieza BU6568GVW-E2
Descripción Electrónicos  Camera Image Processors Compatible with JPEG Image
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU6568GVW-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BU6568GVW-E2 Datasheet HTML 5Page - Rohm BU6568GVW-E2 Datasheet HTML 6Page - Rohm BU6568GVW-E2 Datasheet HTML 7Page - Rohm BU6568GVW-E2 Datasheet HTML 8Page - Rohm BU6568GVW-E2 Datasheet HTML 9Page - Rohm BU6568GVW-E2 Datasheet HTML 10Page - Rohm BU6568GVW-E2 Datasheet HTML 11Page - Rohm BU6568GVW-E2 Datasheet HTML 12Page - Rohm BU6568GVW-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BU6566GVW, BU6568GV
Technical Note
9/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Timing Chart
1.
HOST interface timing
1.1 System timing
Table 1.1-1
BU6566GVW timing conditions (system)
Symbol
Details
MIN.
TYP.
MAX.
Unit
Conditions
tXIN
Clock input cycle
33.0
-
-
ns
DutyXIN
Clock duty
45.0
50.0
55.0
%
"H" width / cycle
tSCLK
System clock cycle
33.0
-
-
ns
DutySCLK
System clock duty
33.3
50.0
66.7
%
"H" width / cycle
tCAMCKO
Camera clock output cycle
33.0
-
-
ns
DutyCAMCKO
Camera clock output duty
33.3
50.0
66.7
%
“"H" width / cycle
tCAMCKI
Camera clock input cycle
66.0
-
-
ns
DutyCAMCKI
Camera clock input duty
40.0
50.0
60.0
%
"H" width / cycle
tRESETB
RESETB "L" pulse width
1.0
-
-
us
Regulation all at threshold of VDDIO×1/2
Table 1.1-2
BU6568GV timing conditions (system)
Symbol
Details
MIN.
TYP.
MAX.
Unit
Conditions
tXIN
Clock input cycle
33.0
-
-
ns
DutyXIN
Clock duty
45.0
50.0
55.0
%
"H" width / cycle
tSCLK
System clock cycle
19.2
-
-
ns
DutySCLK
System clock duty
33.3
50.0
66.7
%
"H" width / cycle
tCAMCKO
Camera clock output cycle
19.2
-
-
ns
DutyCAMCKO
Camera clock output duty
45.0
50.0
55.0
%
"H" width / cycle
tCAMCKI
Camera clock input cycle
19.2
-
-
ns
DutyCAMCKI
Camera clock input duty
45.0
50.0
55.0
%
"H" width / cycle
tRESETB
RESETB "L" pulse width
1.0
-
-
us
Regulation all at threshold of VDDIO×1/2
1.2 Register (including RAM via register) write timing.
A2,A1
CSB(WRB)
WRB(CSB)
RDB
D[15:0]
Table 1.2-1
BU6566GVW timing conditions(RAM, register write cycle)
Symbol
Details
MIN.
TYP.
MAX.
Unit
tWC
Write cycle time
70
-
-
ns
tAS
Address setup time before WRB(CSB) falling
-5
-
-
ns
tAH
Address hold time after WRB(CSB) rising
-1
-
-
ns
tCS
CSB(WRB) input setup time before WRB(CSB) falling
0
-
-
ns
tCH
CSB(WRB) input hold time after WRB(CSB) rising
0
-
-
ns
tWW
WRB(CSB) active time width
40
-
-
ns
tWAIT
Wait time from WRB(CSB) rising to the next WRB(CSB) or to RDB falling
30
-
-
ns
tDS
Data setup time before WRB(CSB) rising
35
-
-
ns
tDH
Data hold time after WRB(CSB) rising
-1
-
-
ns
Regulation all at threshold of VDDIO1×1/2 (VDD=1.50V,VDDIO=2.85V,GND=0.0V,Ta=25ºC)
It is possible to use it with either CSB or WRB active. However, either of them must do LOW pulse operation.
tAS
tWW
tDH
tDS
tAH
tCH
Address Input
Write
Data
tWC
tCS
tWAIT


Número de pieza similar - BU6568GVW-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU6566GVW ROHM-BU6566GVW Datasheet
379Kb / 6P
   For Home Electornics and Security Devices IC
BU6569GVW ROHM-BU6569GVW Datasheet
368Kb / 17P
   Camera Image Processor with ADPCM / MIDI / MP3 / AAC / HE-AAC Audio
BU6569GVWE2 ROHM-BU6569GVWE2 Datasheet
368Kb / 17P
   Camera Image Processor with ADPCM / MIDI / MP3 / AAC / HE-AAC Audio
More results

Descripción similar - BU6568GVW-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
   Colro Image Sensor Camera Module?
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
National Instruments Co...
PCIE-1429 NI-PCIE-1429 Datasheet
369Kb / 3P
   Full-Configuration Camera Link Image Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com