Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22922B Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS22922B
Descripción Electrónicos  LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22922B Datasheet(HTML) 1 Page - Texas Instruments

  TPS22922B Datasheet HTML 1Page - Texas Instruments TPS22922B Datasheet HTML 2Page - Texas Instruments TPS22922B Datasheet HTML 3Page - Texas Instruments TPS22922B Datasheet HTML 4Page - Texas Instruments TPS22922B Datasheet HTML 5Page - Texas Instruments TPS22922B Datasheet HTML 6Page - Texas Instruments TPS22922B Datasheet HTML 7Page - Texas Instruments TPS22922B Datasheet HTML 8Page - Texas Instruments TPS22922B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
YFP, YZP, AND YZTPACKAGES
LaserMarkingView
BumpView
C
B
2
1
A
C
B
1
2
A
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
• PDAs
• Input Voltage: 0.9 V to 3.6 V
• Cell Phones
• Ultra-Low ON Resistance
• GPS Devices
rON = 14 mΩ at VIN = 3.6 V
• MP3 Players
rON = 20 mΩ at VIN = 2.5 V
• Peripheral Ports
rON = 33 mΩ at VIN = 1.8 V
• Portable Media Players
rON = 67 mΩ at VIN = 1.2 V
• RF Modules
rON = 116 mΩ at VIN = 1.0 V
• 2-A Maximum Continuous Switch Current
• Ultra-Low Quiescent Current: 78 nA at 1.8 V
TPS22921, TPS22922, and TPS22922B are ultra-low
• Ultra-Low Shutdown Current: 35 nA at 1.8 V
rON
load
switches
with
controlled
turn
on.
TPS22921/2/2B contain an ultra-low rON P-channel
• Low Threshold Control Input Enable the use of
MOSFET that can operate over an input voltage
1.2V/1.8V/2.5V/3.3V Logic
range of 0.9 V to 3.6 V. The switch is controlled by an
• Controlled Slew Rate to Avoid Inrush Currents
on/off input (ON), which is capable of interfacing
TPS22921 and TPS22922: 30
µS
directly with low-voltage control signals. In TPS22922
and in TPS22922B, a 120-
Ω on-chip load resistor is
TPS22922B: 200
µS
added for output quick discharge when switch is
• ESD Performance Tested Per JESD 22
turned off. The rise time (slew rate) of the device is
3000-V Human-Body Model
internally controlled in order to avoid inrush current:
(A114-B, Class II)
TPS22921 and TPS22922 feature a 30
µs rise time
whereas TPS22922B is 200
µs.
1000-V Charged-Device Model (C101)
• Six Terminal Wafer-Chip-Scale Package
TPS22921, TPS22922, and TPS22922B feature ultra
low quiescent and shutdown current and are available
0.9 mm × 1.4 mm, 0.5 mm Pitch,
in
space-saving
6-terminals
wafer-chip-scale
0.5 mm Height
packages (WCSP: YZP with 0.5-mm pitch and YFP
0.8 mm × 1.2 mm, 0.4 mm Pitch,
with 0.4-mm pitch) which make it ideal for portable
0.5 mm Height
electronics.
The
devices
are
characterized
for
operation over the free-air temperature range of
–40°C to 85°C.
TERMINAL ASSIGNMENTS
C
ON
GND
B
VIN
VOUT
A
VIN
VOUT
2
1
rON AT 1.8 V
SLEW RATE
QUICK OUTPUT
MAX OUTPUT
ENABLE
(TYP)
(TYP at 1.8V)
DISCHARGE(1)
CURRENT
TPS22921
33 m
30
µs
2 A
active high
TPS22922
33 m
30
µs
Yes
2 A
active high
TPS22922B
33 m
200
µs
Yes
2 A
active high
(1)
This feature discharges the output of the switch to ground through a 120-
Ω resistor, preventing the
output from floating.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS22922B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22922B TI-TPS22922B Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYFPR TI-TPS22922BYFPR Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYFPR TI-TPS22922BYFPR Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYZPR TI-TPS22922BYZPR Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22922BYZPR TI-TPS22922BYZPR Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
More results

Descripción similar - TPS22922B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
logo
Unisonic Technologies
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
US2236095DB UTC-US2236095DB Datasheet
149Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com