Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74HC00 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74HC00 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 18 page SN54HC00, SN74HC00 QUADRUPLE 2INPUT POSITIVENAND GATES SCLS181E − DECEMBER 1982 − REVISED AUGUST 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D Outputs Can Drive Up To 10 LSTTL Loads D Low Power Consumption, 20-µA Max ICC D Typical tpd = 8 ns D ±4-mA Output Drive at 5 V D Low Input Current of 1 µA Max 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y SN54HC00 ...J OR W PACKAGE SN74HC00 . . . D, DB, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B SN54HC00 . . . FK PACKAGE (TOP VIEW) NC − No internal connection description/ordering information The ’HC00 devices contain four independent 2-input NAND gates. They perform the Boolean function Y = A • B or Y = A + B in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 25 SN74HC00N SN74HC00N Tube of 50 SN74HC00D SOIC − D Reel of 2500 SN74HC00DR HC00 SOIC − D Reel of 250 SN74HC00DT HC00 −40 °C to 85°C SOP − NS Reel of 2000 SN74HC00NSR HC00 −40 C to 85 C SSOP − DB Reel of 2000 SN74HC00DBR HC00 Tube of 90 SN74HC00PW TSSOP − PW Reel of 2000 SN74HC00PWR HC00 TSSOP − PW Reel of 250 SN74HC00PWT HC00 CDIP − J Tube of 25 SNJ54HC00J SNJ54HC00J −55 °C to 125°C CFP − W Tube of 150 SNJ54HC00W SNJ54HC00W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HC00FK SNJ54HC00FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Número de pieza similar - SN74HC00 |
|
Descripción similar - SN74HC00 |