Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS5N118DBQRG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
TS5N118DBQRG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 17 page www.ti.com Electrical Characteristics (1) Switching Characteristics Dynamic Characteristics TS5N118 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH SCDS205 – AUGUST 2005 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(2) MAX UNIT IIN Control inputs VCC = 5.25 V, VIN = 0 to VCC 10 µA VO = 0 to 10 V, Switch OFF, 10 VCC = 5.25 V, VI = 0, VIN = VCC or GND IOZ(3) µA VCC = 0 V, VO = Open, VI = 0 to 10 V 10 II/O = 0, 10 ICC VCC = 5.25 V, VIN = VCC or GND mA Switch ON or OFF, Cin Control inputs VCC = 5 V, VIN = 10 V or 0 10 pF Switch OFF, 120 A port VCC = 5 V, VI/O = 10 V or 0 VIN = VCC or GND, Cio(OFF) pF Switch OFF, 20 B port VCC = 5 V, VI/O = 10 V or 0 VIN = VCC or GND, Switch ON, 160 Cio(ON) VCC = 5 V, VI/O = 10 V or 0 pF VIN = VCC or GND, VI = 0, IO = 50 mA 3 7.5 VCC = 4.75 V, ron(4) VI = 8 V, IO = –50 mA 7.5 Ω TYP at VCC = 5 V VI = 10 V, IO = –50 mA 12.5 (1) VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins (2) All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. (3) For I/O ports, the parameter IOZ includes the I/O leakage current. (4) Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by the lower of the voltages of the two (A or B) terminals. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3) VCC = 5 V FROM TO ± 0.25 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX tpd(1) A or B B or A 0.1 ns tpd(s) S A 200 ns S B 200 ten ns OE A or B 200 S B 200 tdis ns OE A or B 200 (1) The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). over recommended operating free-air temperature range, V CC = 5 V ± 5% (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT Bandwidth (BW)(2) RL = 50 Ω, VI = 0.632 V (P-P), See Figure 4 25 MHz OFF isolation (OISO) RL = 50 Ω, VI = 0.632 V (P-P), f = 25 MHz, See Figure 5 –50 dB Crosstalk (XTALK) RL = 50 Ω, VI = 0.632 V (P-P), f = 25 MHz, See Figure 6 –50 dB (1) All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. (2) Bandwidth is the frequency at which the gain is –3 dB below the DC gain. 4 |
Número de pieza similar - TS5N118DBQRG4 |
|
Descripción similar - TS5N118DBQRG4 |