Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS4601-7R Datasheet(PDF) 6 Page - Power-One

No. de pieza LS4601-7R
Descripción Electrónicos  100 Watt AC-DC Converters with PFC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

LS4601-7R Datasheet(HTML) 6 Page - Power-One

Back Button LS4601-7R Datasheet HTML 2Page - Power-One LS4601-7R Datasheet HTML 3Page - Power-One LS4601-7R Datasheet HTML 4Page - Power-One LS4601-7R Datasheet HTML 5Page - Power-One LS4601-7R Datasheet HTML 6Page - Power-One LS4601-7R Datasheet HTML 7Page - Power-One LS4601-7R Datasheet HTML 8Page - Power-One LS4601-7R Datasheet HTML 9Page - Power-One LS4601-7R Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Cassette Style
100 Watt AC-DC Converters
S Series PFC
Edition 01/01.2001
6/27
Electrical Output Data
General Conditions
TA = 25
°C, unless T
C is specified.
– Pin 18 (i) connected to pin 14 (S–/Vo1–),
Uo adjusted to Uo nom (option P), R input not connected.
– Sense line pins 12 (S+) and 14 (S–) connected to pins 4 (Vo1+) and 8 (Vo1–) respectively.
Table 4a: Output data single output modules
Output
LS 4001
LS 4301
LS 4501
LS 4601
5.1 V
12.0 V
15.0 V
24.0 V
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
min
typ
max
Unit
Uo
Output voltage
Ui nom, Io nom
5.07
5.13
11.93
12.07 14.91
15.09 23.86
24.14
V
Uop
Overvoltage protection
7.6
21
26.5
43.5
(supressor diode)
Io nom
Output current 1
Ui min...Ui max
16.0
8.0
6.5
4.2
A
TC min...TC max
IoL
Output current limit 2
Ui min...Ui max
16.2
8.2
6.7
4.4
uo 5
Output
Low frequency
Ui nom, Io nom
22
2
2
mVpp
voltage
Switching freq.
IEC/EN 61204
15
5
5
5
noise
Total
BW = 20 MHz
50
40
40
40
DUo U Static line regulation
Ui min...Ui nom,
±5
±12
±15
±24 mV
Ui nom...Ui max,
Io nom
DUo I
Static load regulation
Ui nom, Io =
202430
48
(0.1...1)
Io nom
uo d 3
Dynamic Voltage
Ui nom, Io =
±170
±150
±150
±100
load
deviation
Io nom 1/2 Io nom
t d 3
regulat.
Recovery time
IEC/EN 61204
0.3
0.4
0.4
0.3
ms
aUo
Temperature coefficient
Ui min...Ui max
–0.5
-1.5
-1.5
1.5
mV/K
of output voltage 4
0...
Io nom
1 If the output voltages are increased above Uo nom through R-input control, option P setting, remote sensing or option T, the output cur-
rents should be reduced accordingly so that
Po nom is not exceeded.
2 See: Output Voltage Regulation of Single or Double Output Modules with Outputs 1 and 2 Connected in Series.
3 See: Typical dynamic load regulation of Uo1 and Uo2.
4 Negative temperature coefficient (0...–3 mV/cell and K) available on request.
5 Measured according to IEC/EN 61204 sub clause 3.10 with a probe acc. to annex A of the same standards. (See:Technical Informa-
tion: Measuring and Testing)


Número de pieza similar - LS4601-7R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
LS4678 MCC-LS4678 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4679 MCC-LS4679 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4680 MCC-LS4680 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4681 MCC-LS4681 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
LS4682 MCC-LS4682 Datasheet
203Kb / 5P
   500mW SiliconZener Diodes
More results

Descripción similar - LS4601-7R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CINCON ELECTRONICS Corp...
CBM100S CINCON-CBM100S Datasheet
342Kb / 2P
   100 WATT AC-DC POWER SUPPLY WITH PFC
logo
Power-One
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
Intronics Power, Inc.
AC100X INTRONICS-AC100X Datasheet
260Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
   100 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM200M CINCON-CFM200M Datasheet
461Kb / 3P
   200 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CFM361S ETC2-CFM361S Datasheet
362Kb / 3P
   360 WATT AC-DC POWER SUPPLY WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM300M CINCON-CFM300M Datasheet
478Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CFM300S CINCON-CFM300S Datasheet
713Kb / 3P
   300 WATT AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com