Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3527B Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza UC3527B
Descripción Electrónicos  Regulating Pulse Width Modulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC3527B Datasheet(HTML) 3 Page - Texas Instruments

  UC3527B Datasheet HTML 1Page - Texas Instruments UC3527B Datasheet HTML 2Page - Texas Instruments UC3527B Datasheet HTML 3Page - Texas Instruments UC3527B Datasheet HTML 4Page - Texas Instruments UC3527B Datasheet HTML 5Page - Texas Instruments UC3527B Datasheet HTML 6Page - Texas Instruments UC3527B Datasheet HTML 7Page - Texas Instruments UC3527B Datasheet HTML 8Page - Texas Instruments UC3527B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
UC1525B UC1527B
UC2525B UC2527B
UC3525B UC3527B
ELECTRICAL CHARACTERISTICS:Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the
UC1525B and UC1527B; –40°C to +85°C for the UC2525B and UC2527B; 0°C to +70°C for the UC3525B and UC3527B; +VIN =
20V, TA =TJ.
PARAMETER
TEST CONDITIONS
UC1525B/UC2525B
UC1527B/UC2527B
UC3525B
UC3527B
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Oscillator Section (Note 3)
Initial Accuracy (Notes2&3)
TJ = 25°C
±2
±6
±2
±6
%
Voltage Stability (Notes2&3)
VIN =8Vto35V
±0.3
±1
±1
±2
%
Temperature Stability (Note 2)
Over Operating Range
±3
±6
±3
±6
%
Minimum Frequency
RT = 200k
W,CT=0.1mF
120
120
Hz
Maximum Frequency
RT = 2k
W, CT = 470pF
400
400
kHz
Current Mirror
IRT = 2mA
1.7
2.0
2.2
1.7
2.0
2.2
mA
Clock Amplitude (Notes2&3)
3.0
3.5
3.0
3.5
V
Clock Width (Notes2&3)
TJ = 25°C
0.3
0.5
1.0
0.3
0.5
1.0
ms
Sync Threshold
1.2
2.0
2.8
1.2
2.0
2.8
V
Sync Input Current
Sync Voltage = 3.5V
1.0
2.5
1.0
2.5
mA
Error Amplifier Section (VCM = 5.1V)
Input Offset Voltage
0.5
5
2
10
mV
Input Bias Current
1
10
1
10
mA
Input Offset Current
1
1
mA
DC Open Loop Gain
RL
³ 10 MegW
60
75
60
75
dB
Gain-Bandwidth Product (Note 2)
AV = 0dB, TJ = 25°C
1
2
1
2
MHz
Output Low Level
0.2
0.5
0.2
0.5
V
Output High Level
3.8
5.6
3.8
5.6
V
Common Mode Rejection
VCM = 1.5V to 5.2V
60
75
60
75
dB
Supply Voltage Rejection
VIN = 8V to 35V
50
60
50
60
dB
PWM Comparator
Minimum Duty Cycle
0
0
%
Maximum Duty Cycle (Note 3)
45
49
45
49
%
Input Threshold (Note 3)
Zero Duty Cycle
0.7
0.9
0.7
0.9
V
Input Threshold (Note 3)
Maximum Duty Cycle
3.3
3.6
3.3
3.6
V
Input Bias Current (Note 2)
0.05
1.0
0.05
1.0
mA
Shutdown Section
Soft Start Current
VSHUTDOWN = 0V, VSOFTSTART
=0V
25
50
80
25
50
80
mA
Soft Start Low Level
VSHUTDOWN = 2.5V
0.4
0.7
0.4
0.7
V
Shutdown Threshold
To outputs, VSOFTSTART =
5.1V, TJ =25°C
0.6
0.8
1.0
0.6
0.8
1.0
V
Shutdown Input Current
VSHUTDOWN = 2.5V
0.4
1.0
0.4
1.0
mA
Shutdown Delay (Note 2)
VSHUTDOWN = 2.5V, TJ = 25°C
0.2
0.5
0.2
0.5
ms
Output Drivers (Each Output) (Vc = 20V)
Output Low Level
ISINK = 20mA
0.2
0.4
0.2
0.4
V
ISINK = 100mA
1.0
2.0
1.0
2.0
V
Output HIgh Level
ISOURCE = 20mA
18
19
18
19
V
ISOURCE = 100mA
17
18
17
18
V
Undervoltage Lockout
VCOMP and VSOFTSTART =
High
6
7
8
678
V
Collector Leakage
VC = 35V
200
200
mA


Número de pieza similar - UC3527B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3527B TI-UC3527B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BDW TI-UC3527BDW Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BJ TI-UC3527BJ Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BL TI-UC3527BL Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3527BN TI-UC3527BN Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
More results

Descripción similar - UC3527B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com