Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33078PE4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza MC33078PE4
Descripción Electrónicos  DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

MC33078PE4 Datasheet(HTML) 3 Page - Texas Instruments

  MC33078PE4 Datasheet HTML 1Page - Texas Instruments MC33078PE4 Datasheet HTML 2Page - Texas Instruments MC33078PE4 Datasheet HTML 3Page - Texas Instruments MC33078PE4 Datasheet HTML 4Page - Texas Instruments MC33078PE4 Datasheet HTML 5Page - Texas Instruments MC33078PE4 Datasheet HTML 6Page - Texas Instruments MC33078PE4 Datasheet HTML 7Page - Texas Instruments MC33078PE4 Datasheet HTML 8Page - Texas Instruments MC33078PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
Electrical Characteristics
Operating Characteristics
MC33078
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
SLLS633C – OCTOBER 2004 – REVISED NOVEMBER 2006
V
CC– = –15 V, VCC+ = 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
0.15
2
VIO
Input offset voltage
VO = 0, RS = 10 Ω, VCM = 0
mV
TA = –40°C to 85°C
3
Input offset voltage
αV
IO
VO = 0, RS = 10 Ω, VCM = 0
TA = –40°C to 85°C
2
µV/°C
temperature coefficient
TA = 25°C
300
750
IIB
Input bias current
VO = 0, VCM = 0
nA
TA = –40°C to 85°C
800
TA = 25°C
25
150
IIO
Input offset current
VO = 0, VCM = 0
nA
TA = –40°C to 85°C
175
Common-mode input voltage
VICR
∆V
IO = 5 mV, VO = 0
±13
±14
V
range
TA = 25°C
90
110
Large-signal differential
AVD
RL ≥ 2 kΩ, VO = ±10 V
dB
voltage amplification
TA = –40°C to 85°C
85
VOM+
10.7
RL = 600 Ω
VOM–
–11.9
VOM+
13.2
13.8
VOM
Maximum output voltage swing VID = ±1 V
RL = 2k Ω
V
VOM–
–13.2
–13.7
VOM+
13.5
14.1
RL = 10k Ω
VOM–
–14
–14.6
CMMR
Common-mode rejection ratio
VIN = ±13 V
80
100
dB
kSVR(1)
Supply-voltage rejection ratio
VCC+ = 5 V to 15 V, VCC– = –5 V to –15 V
80
105
dB
Source current
15
29
IOS
Output short-circuit current
|VID| = 1 V, Output to GND
mA
Sink current
–20
–37
TA = 25°C
2.05
2.5
ICC
Supply current (per channel)
VO = 0
mA
TA = –40°C to 85°C
2.75
(1)
Measured with VCC± differentially varied at the same time
V
CC– = –15 V, VCC+ = 15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
AVD = 1, VIN = –10 V to 10 V, RL = 2 kΩ, CL = 100 pF
5
7
V/
µs
GBW
Gain bandwidth product
f = 100 kHz
10
16
MHz
B1
Unity gain frequency
Open loop
9
MHz
CL = 0 pF
–11
Gm
Gain margin
RL = 2 kΩ
dB
CL = 100 pF
–6
CL = 0 pF
55
Φ
m
Phase margin
RL = 2 kΩ
deg
CL = 100 pF
40
Amp-to-amp isolation
f = 20 Hz to 20 kHz
–120
dB
Power bandwidth
VO = 27 V(PP), RL = 2 kΩ, THD ≤ 1%
120
kHz
THD
Total harmonic distortion
VO = 3 Vrms, AVD = 1, RL = 2 kΩ, f = 20 Hz to 20 kHz
0.002
%
zo
Open-loop output impedance
VO = 0, f = 9 MHz
37
rid
Differential input resistance
VCM = 0
175
k
Cid
Differential input capacitance
VCM = 0
12
pF
Vn
Equivalent input noise voltage
f = 1 kHz, RS = 100 Ω
4.5
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.5
pA/
√Hz
3
Submit Documentation Feedback


Número de pieza similar - MC33078PE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC33078PE4 TI-MC33078PE4 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078PE4 TI-MC33078PE4 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results

Descripción similar - MC33078PE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_2 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2719 NJRC-NJM2719 Datasheet
329Kb / 10P
   Low Noise, High-Speed Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com