Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFS06ZA Datasheet(PDF) 5 Page - Power-One

No. de pieza RFS06ZA
Descripción Electrónicos  RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWER-ONE [Power-One]
Página de inicio  http://www.power-one.com
Logo POWER-ONE - Power-One

RFS06ZA Datasheet(HTML) 5 Page - Power-One

  RFS06ZA Datasheet HTML 1Page - Power-One RFS06ZA Datasheet HTML 2Page - Power-One RFS06ZA Datasheet HTML 3Page - Power-One RFS06ZA Datasheet HTML 4Page - Power-One RFS06ZA Datasheet HTML 5Page - Power-One RFS06ZA Datasheet HTML 6Page - Power-One RFS06ZA Datasheet HTML 7Page - Power-One RFS06ZA Datasheet HTML 8Page - Power-One RFS06ZA Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product Specifications
RFS Series: 20W / 6.0A DC/DC Converters
Oct 2001
36-75V Input
1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
18-Oct-01
Rev 1.0
Page 5 of 14
www.power-one.com
Output Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
RFS06ZD : 2.5V/6.0A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 3.0A, 25
°C
2.47
2.5
2.53
Vdc
Output Current
Io
Vin.Min to Vin.Max
0
6.0
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
50
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
50
mV
Dynamic Regulation
Peak Deviation
Settling Time
50-100% Io.Max load step
change.
to 1% error band
150
1000
± mV
µs
Output Voltage Ripple
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
75
100
mVp-p
Admissible Load
Capacitance
Comax
Io.Max, Vin.Nom
2,200
µF
Output Current Limit
Threshold
Icl
Vout =0.90 Vo.Nom
120
200
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
220
kHz
Temperature
Coefficient
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
2.25
2.75
Vo
RFS06ZD Characteristic curves
Efficiency Vs Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
Iout (A)
Efficiency
Vin Min
Vin Nom
Vin Max
Output Voltage Vs Load
0.00
0.50
1.00
1.50
2.00
2.50
3.00
Iout (A)
Vout (V)
Vin Min
Vin Nom
Vin Max


Número de pieza similar - RFS06ZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micronetics, Inc.
RFS0912-S2 MICRONETICS-RFS0912-S2 Datasheet
225Kb / 2P
   PHASESHIFTER / SWITCHMODULE FORELECTRONICTACAN ANTENNA
logo
Nichicon corporation
RFS0A100MCN1GB NICHICON-RFS0A100MCN1GB Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0A680MCN1GS NICHICON-RFS0A680MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
733Kb / 2P
   High Capacitance
More results

Descripción similar - RFS06ZA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power-One
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Bel Fuse Inc.
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
logo
Power-One
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
logo
Bel Fuse Inc.
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com