Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22946 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22946
Descripción Electrónicos  ULTRA-LOW POWER,LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF,AUTO-RESTART,AND OVER-CURRENT CONDITION TIME-OUT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22946 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22946 Datasheet HTML 1Page - Texas Instruments TPS22946 Datasheet HTML 2Page - Texas Instruments TPS22946 Datasheet HTML 3Page - Texas Instruments TPS22946 Datasheet HTML 4Page - Texas Instruments TPS22946 Datasheet HTML 5Page - Texas Instruments TPS22946 Datasheet HTML 6Page - Texas Instruments TPS22946 Datasheet HTML 7Page - Texas Instruments TPS22946 Datasheet HTML 8Page - Texas Instruments TPS22946 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Bump View
1
2
B
C
A
Laser Marking View
2
1
B
C
A
TPS22946
SLVS984A – SEPTEMBER 2009 – REVISED OCTOBER 2009......................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–40°C to 85°C
WCSP – YZP (0.4-mm pitch)
Reel of 3000
TPS22946YZPR
_ _ 5 H _
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has two preceding characters to denote year, month and one following character to designate the wafer
fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
YZP PACKAGE
TERMINALS ASSIGNMENTS
C
ON
OC
B
CL
GND
A
VIN
VOUT
2
1
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NO.
NAME
A1
VOUT
O
Output of the power switch
B1
GND
Ground
Over-current output flag. Active-low open-drain output that indicates an over-current, supply
C1
OC
O
under-voltage, or over-temperature state.
C2
ON
I
On/off control input
Current limit selection. CL high is 155-mA current limit, CL low is 70-mA current limit, and CL floating is
B2
CL
I
30-mA current limit.
A2
VIN
I
Supply. Input to the power switch and the supply voltage for the device
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22946


Número de pieza similar - TPS22946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22946 TI-TPS22946 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22946YZPR TI-TPS22946YZPR Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
More results

Descripción similar - TPS22946

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22946 TI-TPS22946_10 Datasheet
459Kb / 26P
[Old version datasheet]   ULTRA-LOW POWER, LOW INPUT VOLTAGE, CURRENT-LIMITED LOAD SWITCH WITH SHUT-OFF, AUTO-RESTART, AND OVER-CURRENT CONDITION TIME-OUT
TPS22941 TI-TPS22941 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
TPS22941 TI-TPS22941_10 Datasheet
542Kb / 19P
[Old version datasheet]   LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
   input surge current, over voltage, over load, and over current protections
logo
Texas Instruments
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949 Datasheet
749Kb / 22P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com