Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS5A3153 Datasheet(PDF) 9 Page - Texas Instruments |
|
TS5A3153 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 26 page TS5A3153 www.ti.com ..................................................................................................................................................... SCDS215A – OCTOBER 2005 – REVISED JULY 2008 ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued) V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 2.5 V 1.7 24 31 VCOM = V+, CL = 35 pF, Turn-on time tON ns 2.3 V to RL = 50 Ω, See Figure 17 Full 1.5 33.5 2.7 V 25°C 2.5 V 5.2 10.5 17 VCOM = V+, CL = 35 pF, Turn-off time tOFF ns 2.3 V to RL = 50 Ω, See Figure 17 Full 5 20 2.7 V 25°C 2.5 V 3 10 30 Break-before- VCOM = V+, CL = 35 pF, tMBB ns 2.3 V to make time RL = 50 Ω, See Figure 18 Full 2 40 2.7 V VGEN = 0, CL = 1 nF, Charge injection QC 25°C 2.5 V 6 pC RGEN = 0, See Figure 22 NC, NO CNC(OFF), Switch OFF, OFF VNC or VNO = V+ or GND, 25°C 2.5 V 19 pF CNO(OFF) See Figure 16 capacitance NC, NO CNC(ON), Switch ON, ON VNC or VNO = V+ or GND, 25°C 2.5 V 57 pF CNO(ON) See Figure 16 capacitance COM OFF Switch ON, CCOM(OFF) VCOM = V+ or GND, 25°C 2.5 V 36 pF capacitance See Figure 16 COM ON Switch ON, CCOM(ON) VCOM = V+ or GND, 25°C 2.5 V 57 pF capacitance See Figure 16 Digital input CI VI = V+ or GND, See Figure 16 25°C 2.5 V 2 pF capacitance Switch ON, Bandwidth BW RL = 50 Ω, 25°C 2.5 V 100 MHz See Figure 19 RL = 50 Ω, Switch OFF, OFF isolation OISO 25°C 2.5 V –64 dB f = 1 MHz, See Figure 20 RL = 50 Ω, Switch ON, Crosstalk XTALK 25°C 2.5 V –64 dB f = 1 MHz, See Figure 21 Total harmonic RL = 600 Ω, f = 20 Hz to 20 kHz, THD 25°C 2.5 V 0.020 % distortion CL = 50 pF, See Figure 23 Supply 25°C 0.001 0.05 Positive supply I+ VI = V+ or GND, Switch ON or OFF 2.7 V µA current Full 0.15 Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TS5A3153 |
Número de pieza similar - TS5A3153_09 |
|
Descripción similar - TS5A3153_09 |