Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS5A3159DBVR Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TS5A3159DBVR Datasheet(HTML) 10 Page - Texas Instruments |
10 / 26 page TS5A3159 1 W SPDT ANALOG SWITCH SCDS174B − AUGUST 2004 – REVISED MAY 2005 www.ti.com 10 Electrical Characteristics for 1.8-V Supply (continued) V+ = 1.65 V to 1.95 V and TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP(1) MAX UNIT Dynamic Turn-on time tON VCOM = V+, CL = 35 pF, 25 °C 1.65 V to 65 70 ns Turn-on time tON VCOM = V+, RL = 50 Ω, CL = 35 pF, See Figure 15 Full 1.65 V to 1.95 V 95 ns Turn-off time tOFF VCOM = V+, CL = 35 pF, 25 °C 1.65 V to 40 55 ns Turn-off time tOFF VCOM = V+, RL = 50 Ω, CL = 35 pF, See Figure 15 Full 1.65 V to 1.95 V 70 ns Break-before-make time tBBM VNC = VNO = V+/2, CL = 35 pF, 25 °C 1.65 V to 1 60 72 ns Break-before-make time tBBM VNC = VNO = V+/2, RL = 50 Ω, CL = 35 pF, See Figure 16 Full 1.65 V to 1.95 V 0.5 ns Charge injection QC CL = 1 nF, VGEN = 0 V, See Figure 20 25 °C 1.8 V 13 pC NC, NO OFF capacitance CNC(OFF), CNO(OFF) VNC or VNO = V+ or GND, Switch OFF, See Figure 14 25 °C 1.8 V 23 pF NC, NO ON capacitance CNC(ON), CNO(ON) VNC or VNO = V+ or GND, Switch ON, See Figure 14 25 °C 1.8V 84 pF COM ON capacitance CCOM(ON) VCOM = V+ or GND, Switch ON, See Figure 14 25 °C 1.8 V 84 pF Digital input capacitance CIN VIN = V+ or GND, See Figure 14 25 °C 1.8 V 2.1 pF Bandwidth BW RL = 50 Ω, Switch ON, See Figure 17 25 °C 1.8 V 100 MHz OFF isolation OISO RL = 50 Ω, f = 1 MHz, Switch OFF, See Figure 18 25 °C 1.8 V −63 dB Crosstalk XTALK RL = 50 Ω, f = 1 MHz, Switch ON, See Figure 19 25 °C 1.8 V −63 dB Supply Positive supply current I+ VIN = V+ or GND, Switch ON or OFF Full 1.95 V 0.1 µA (1) TA = 25°C |
Número de pieza similar - TS5A3159DBVR |
|
Descripción similar - TS5A3159DBVR |