Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7WB3125DMR2G Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza 7WB3125DMR2G
Descripción Electrónicos  2-Bit Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB3125DMR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button 7WB3125DMR2G Datasheet HTML 3Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 4Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 5Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 6Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 7Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 8Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 9Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 10Page - ON Semiconductor 7WB3125DMR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
7WB3125
http://onsemi.com
10
PACKAGE DIMENSIONS
ULLGA8 1.95x1.0, 0.5P
CASE 613AC−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
L
7X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
8X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
4
5
8
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.95 BSC
E
1.00 BSC
e
0.50 BSC
L
0.25
0.35
L1
0.30
0.40
e/2
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.30
7X
0.49
8X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT
PKG
OUTLINE


Número de pieza similar - 7WB3125DMR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
7WB3125DMR2G ONSEMI-7WB3125DMR2G Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
More results

Descripción similar - 7WB3125DMR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74CBTLV3306 NEXPERIA-74CBTLV3306 Datasheet
844Kb / 17P
   2-bit bus switch
logo
ON Semiconductor
7WB3305 ONSEMI-7WB3305_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305 ONSEMI-7WB3305 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306 ONSEMI-7WB3306_14 Datasheet
98Kb / 11P
   2-Bit Bus Switch
October, 2014 ??Rev. 3
7WB3126 ONSEMI-7WB3126_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306DTR2G ONSEMI-7WB3306DTR2G Datasheet
146Kb / 12P
   2-Bit Bus Switch
December, 2010 ??Rev. 2
7WB3126 ONSEMI-7WB3126 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3306 ONSEMI-7WB3306 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com