Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC132 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 74HC132
Descripción Electrónicos  Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC132 Datasheet(HTML) 3 Page - ON Semiconductor

  74HC132 Datasheet HTML 1Page - ON Semiconductor 74HC132 Datasheet HTML 2Page - ON Semiconductor 74HC132 Datasheet HTML 3Page - ON Semiconductor 74HC132 Datasheet HTML 4Page - ON Semiconductor 74HC132 Datasheet HTML 5Page - ON Semiconductor 74HC132 Datasheet HTML 6Page - ON Semiconductor 74HC132 Datasheet HTML 7Page - ON Semiconductor 74HC132 Datasheet HTML 8Page - ON Semiconductor 74HC132 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74HC132
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
*0.5 to )7.0
V
VIN
Digital Input Voltage
*0.5 to )7.0
V
VOUT
DC Output Voltage
Output in 3−State
High or Low State
*0.5 to )7.0
*0.5 to VCC )0.5
V
IIK
Input Diode Current
*20
mA
IOK
Output Diode Current
$20
mA
IOUT
DC Output Current, per Pin
$25
mA
ICC
DC Supply Current, VCC and GND Pins
$75
mA
IGND
DC Ground Current per Ground Pin
$75
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
)150
_C
qJA
Thermal Resistance
14−SOIC
14−TSSOP
125
170
_C/W
PD
Power Dissipation in Still Air at 85_C
SOIC
TSSOP
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
u2000
u200
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85_C (Note 3)
$300
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
3. Tested to EIA/JESD78.
4. For high frequency or heavy load considerations, see Chapter 2the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
*55
)125
_C
tr, tf
Input Rise and Fall Time (Figure 3)
No Limit
(Note 5)
ns
5. When VIN X 0.5 VCC, ICC >> quiescent current.
6. Unused inputs may not be left open. All inputs must be tied to a high−logic voltage level or a low−logic input voltage level.


Número de pieza similar - 74HC132

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC132 PHILIPS-74HC132 Datasheet
70Kb / 8P
   Quad 2-input NAND Schmitt trigger
September 1993
logo
Silicon Supplies
74HC132 SS-74HC132 Datasheet
566Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC132 NEXPERIA-74HC132 Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132-Q100 NEXPERIA-74HC132-Q100 Datasheet
248Kb / 19P
   Quad 2-input NAND Schmitt trigger
74HC132BQ NEXPERIA-74HC132BQ Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
More results

Descripción similar - 74HC132

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A_06 Datasheet
115Kb / 10P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC132A ONSEMI-MC74HC132A_V01 Datasheet
250Kb / 10P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2021-Rev. 17
74HC08 ONSEMI-74HC08 Datasheet
126Kb / 7P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
MC74HC03A ONSEMI-MC74HC03A_06 Datasheet
147Kb / 9P
   Quad 2?묲nput NAND Gate with Open?묭rain Outputs High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
MC74HC02A ONSEMI-MC74HC02A_06 Datasheet
145Kb / 8P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC08A ONSEMI-MC74HC08A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 10
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com