Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3118JRZ Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza ADP3118JRZ
Descripción Electrónicos  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3118JRZ Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADP3118JRZ Datasheet HTML 4Page - ON Semiconductor ADP3118JRZ Datasheet HTML 5Page - ON Semiconductor ADP3118JRZ Datasheet HTML 6Page - ON Semiconductor ADP3118JRZ Datasheet HTML 7Page - ON Semiconductor ADP3118JRZ Datasheet HTML 8Page - ON Semiconductor ADP3118JRZ Datasheet HTML 9Page - ON Semiconductor ADP3118JRZ Datasheet HTML 10Page - ON Semiconductor ADP3118JRZ Datasheet HTML 11Page - ON Semiconductor ADP3118JRZ Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADP3118
Rev. 2 | Page 8 of 14 | www.onsemi.com
60
0
0
FREQUENCY (kHz)
45
30
15
200
400
600
800
1000
1200
1400
TA= 25°C
VCC = 12V
CLOAD = 3nF
Figure 11. Supply Current vs. Frequency
13
9
0125
JUNCTION TEMPERATURE (°C)
12
11
10
25
50
75
100
VCC = 12V
CLOAD = 3nF
fIN = 250kHz
Figure 12. Supply Current vs. Temperature
12
0
012
VCC VOLTAGE (V)
11
10
9
8
7
6
5
4
3
2
1
123456789
10
11
TA = 25°C
CLOAD = 3nF
Figure 13. DRVL Output Voltage vs. Supply Voltage


Número de pieza similar - ADP3118JRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3118JRZ AD-ADP3118JRZ Datasheet
370Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
ADP3118JRZ-RL AD-ADP3118JRZ-RL Datasheet
370Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results

Descripción similar - ADP3118JRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com