Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3118JRZ-RL Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza ADP3118JRZ-RL
Descripción Electrónicos  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3118JRZ-RL Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3118JRZ-RL Datasheet HTML 1Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 2Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 3Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 4Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 5Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 8Page - ON Semiconductor ADP3118JRZ-RL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ADP3118
Rev. 2 | Page 5 of 14 | www.onsemi.com
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BST 1
IN 2
OD 3
VCC 4
DRVH
8
SW
7
PGND
6
DRVL
5
ADP3118
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
BST
Upper MOSFET Floating Bootstrap Supply. A capacitor connected between the BST and SW pins holds this
bootstrapped voltage for the high-side MOSFET as it is switched.
2
IN
Logic Level PWM Input. This pin has primary control of the driver outputs. In normal operation, pulling this
pin low turns on the low-side driver; pulling it high turns on the high-side driver.
3
OD
Output Disable. When low, this pin disables normal operation, forcing DRVH and DRVL low.
4
VCC
Input Supply. This pin should be bypassed to PGND with an ~1 μF ceramic capacitor.
5
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) MOSFET.
6
PGND
Power Ground. Should be closely connected to the source of the lower MOSFET.
7
SW
This pin is connected to the buck-switching node, close to the upper MOSFET’s source. It is the floating return
for the upper MOSFET drive signal. It is also used to monitor the switched voltage to prevent turn-on of the
lower MOSFET until the voltage is below ~1 V.
8
DRVH
Buck Drive. Output drive for the upper (buck) MOSFET.


Número de pieza similar - ADP3118JRZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3118JRZ-RL AD-ADP3118JRZ-RL Datasheet
370Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results

Descripción similar - ADP3118JRZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com