Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT7421ARZ-REEL7 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza ADT7421ARZ-REEL7
Descripción Electrónicos  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421ARZ-REEL7 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADT7421ARZ-REEL7 Datasheet HTML 6Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 7Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 8Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 9Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 10Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 11Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 12Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 13Page - ON Semiconductor ADT7421ARZ-REEL7 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADT7421
http://onsemi.com
10
Offset Register
Offset errors can be introduced into the remote
temperature measurement by clock noise or when the
thermal transistor is located away from the hot spot. To
achieve the specified accuracy on this channel, these offsets
must be removed.
The offset value is stored as a 10−bit, twos complement
value in Register 0x11 (high byte) and Register 0x12 (low
byte, left justified). Only the upper two bits of Register 0x12
are used. The MSB of Register 0x11 is the sign bit. The
minimum, programmable offset is −128
°C, and the
maximum is +127.75
°C. The value in the offset register is
added to, or subtracted from, the measured value of the
remote temperature.
The offset register powers up with a default value of 0
°C
and has no effect unless the user writes a different value to it.
Table 6. Sample Offset Register Codes
Offset Value
0x11
0x12
−128°C
1000 0000
00 00 0000
−4°C
1111 1100
00 00 0000
−1°C
1111 1111
00 00 0000
−0.25°C
1111 1111
11 00 0000
0°C
0000 0000
00 00 0000
+0.25°C
0000 0000
01 00 0000
+1°C
0000 0001
00 00 0000
+4°C
0000 0100
00 00 0000
+127.75°C
0111 1111
11 00 0000
One−Shot Register
The one−shot register is used to initiate a conversion and
comparison cycle when the ADT7421 is in standby mode,
after which the device returns to standby. Writing to the
one−shot register address (0x0F) causes the ADT7421 to
perform a conversion and comparison on both the internal
and the external temperature channels. This is not a data
register as such, and it is the write operation to Address 0x0F
that causes the one−shot conversion. The data written to this
address is irrelevant and is not stored.
Consecutive ALERT Register
The value written to this register determines how many
out−of−limit measurements must occur before an ALERT is
generated. The default value is that one out−of−limit
measurement generates an ALERT. The maximum value that
can be chosen is 4. The purpose of this register is to allow the
user to perform some filtering of the output. This is
particularly useful at the fastest three conversion rates, where
no averaging takes place. This register is at Address 0x22.
Table 7. Consecutive ALERT Register 0x22
Bits
Value†
Number of Out−of−Limit
Measurements Required
<3−0>
000x
1
001x
2
011x
3
111x
4
†x = Don’t care bit.


Número de pieza similar - ADT7421ARZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7420UCPZ AD-ADT7420UCPZ Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Descripción similar - ADT7421ARZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Maxim Integrated Produc...
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
   5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
   Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com