Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT7461 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza ADT7461
Descripción Electrónicos  짹1??Temperature Monitor with Series Resistance Cancellation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7461 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADT7461 Datasheet HTML 2Page - ON Semiconductor ADT7461 Datasheet HTML 3Page - ON Semiconductor ADT7461 Datasheet HTML 4Page - ON Semiconductor ADT7461 Datasheet HTML 5Page - ON Semiconductor ADT7461 Datasheet HTML 6Page - ON Semiconductor ADT7461 Datasheet HTML 7Page - ON Semiconductor ADT7461 Datasheet HTML 8Page - ON Semiconductor ADT7461 Datasheet HTML 9Page - ON Semiconductor ADT7461 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADT7461
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Temperature Error vs. Common-Mode
Noise Frequency (With and Without R-C-R Filter
of 100 W–2.2 nF–100 W)
Figure 10. Standby Supply Current vs. Clock
Frequency
Figure 11. Standby Current vs. Supply Voltage
Figure 12. Temperature Error vs. 100 mV
Common-Mode Noise Frequency (With and
Without R-C-R Filter of 100 W–2.2 nF–100 W)
Figure 13. Operating Supply Current vs.
Conversion Rate
Figure 14. Temperature Error vs. Series
Resistance
5
0
100
200
300
FREQUENCY (MHz)
400
500
600
–1
0
1
2
3
4
40mV NO FILTER
60mV NO FILTER
40mV WITH FILTER
60mV WITH FILTER
40
0
100
200
300
3V
5.5V
SCL CLOCK FREQUENCY (kHz)
400
50
150
250
350
0
5
10
15
20
25
30
35
7
3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
VDD (V)
0
1
2
3
4
5
6
55
45
35
25
15
5
0
100
200
300
FREQUENCY (MHz)
400
500
600
–5
100mV NO FILTER
100mV WITH FILTER
800
0.01
0.1
1
10
3V
5.5V
CONVERSION RATE (Hz)
100
0
100
200
300
400
500
600
700
0
2
10
200
1k
2k
3k
4k
SERIES RESISTANCE (Ω)
–5
0
5
10
15
20
25
30
35
40
45
50
3.3V T = –30
3.3V T = +25
3.3V T = +120
5.5V T = –30
5.5V T = +25
5.5V T = +120


Número de pieza similar - ADT7461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
logo
ON Semiconductor
ADT7461 ONSEMI-ADT7461 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
logo
Analog Devices
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461A ONSEMI-ADT7461A Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
More results

Descripción similar - ADT7461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT1008 ONSEMI-NCT1008 Datasheet
287Kb / 20P
   짹1?C Temperature Monitor with Series Resistance Cancellation
August, 2010 ??Rev. 3
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
ADT7461A AD-ADT7461A Datasheet
554Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. A
logo
ON Semiconductor
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com