Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT7421ARMZ-RL7 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza ADT7421ARMZ-RL7
Descripción Electrónicos  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421ARMZ-RL7 Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7421ARMZ-RL7 Datasheet HTML 1Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 2Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 3Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 4Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 5Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 6Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 7Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 8Page - ON Semiconductor ADT7421ARMZ-RL7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADT7421
http://onsemi.com
2
Another feature of the ADT7421 is Series Resistance
Cancellation, where up to 50
W (typical) of resistance in
series with the temperature monitoring transistor can be
automatically cancelled from the temperature result,
allowing noise filtering.
The combination of Beta cancellation and series
resistance cancellation provides critical high accuracy
temperature sensing on 45 nm CPU’s and GPU’s.
The ADT7421 can measure the temperature of a remote
thermal transistor accurate to
±1°C and the ambient
temperature accurate to
±1°C. The temperature measurement
range defaults to 0
°C to +125°C, compatible with the
ADM1032, but it can be switched to a wider measurement
range of −40
°C to +125°C.
The ADT7421 has a configurable ALERT output and an
extended, switchable temperature measurement range.
The ADT7421 communicates over a 2−wire serial
interface, compatible with system management bus
(SMBus) standards. The default SMBus address of the
ADT7421 is 0x4C. An ADT7421−2 is available with a
SMBus address of 0x4D. This is useful if more than one
ADT7421 is used on the same SMBus.
An ALERT output signals when the on−chip or remote
temperature is out of range. The THERM output is a
comparator output that allows on/off control of a cooling
fan. The ALERT output can be reconfigured as a second
THERM output, if required.
Figure 1. Block Diagram
A−TO−D
CONVERTER
RUN/STANDBY
BUSY
REMOTE OFFSET
REGISTER
STATUS REGISTER
INTERRUPT
MASKING
REMOTE TEMPERATURE
VALUE REGISTER
LOCAL TEMPERATURE
VALUE REGISTER
ON−CHIP
TEMPERATURE
SENSOR
ANALOG
MUX
EXTERNAL DIODE OPEN−CIRCUIT
SMBus INTERFACE
ADT7421
3
2
8
4
1
57
VDD
GND
SDATA
SCLK
THERM
6
D+
D–
ALERT/THERM2
CONFIGURATION
REGISTERS
EXTERNAL THERM LIMIT
REGISTERS
LOCAL THERM LIMIT
REGISTERS
REMOTE TEMPERATURE
HIGH−LIMIT REGISTER
REMOTE TEMPERATURE
LOW−LIMIT REGISTER
LOCAL TEMPERATURE
HIGH−LIMIT REGISTER
LOCAL TEMPERATURE
LOW−LIMIT REGISTER
CONVERSION RATE
REGISTER
ADDRESS POINTER
REGISTER
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VDD
Positive Supply, 3.0 V to 3.6 V.
2
D+
Positive Connection to Remote Temperature Sensor. (Anode)
3
D−
Negative Connection to Remote Temperature Sensor. (Cathode)
4
THERM
Open-Drain Output. Can be used to turn a fan on/off or throttle a CPU clock in the event of an
overtemperature condition. Requires pullup resistor.
5
GND
Supply Ground Connection.
6
ALERT / THERM2
Open-Drain Logic Output Used as Interrupt or SMBus ALERT. This can also be configured as a
second THERM output. Requires pullup resistor.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open-Drain Output. Requires pullup resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pullup resistor.


Número de pieza similar - ADT7421ARMZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7420UCPZ AD-ADT7420UCPZ Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Descripción similar - ADT7421ARMZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Maxim Integrated Produc...
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
   5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
   Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20