Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT7475ARQZ-RL7 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza ADT7475ARQZ-RL7
Descripción Electrónicos  dBCOOL Remote Thermal Monitor and Fan Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7475ARQZ-RL7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7475ARQZ-RL7 Datasheet HTML 4Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 5Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 6Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 7Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 8Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 9Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 10Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 11Page - ON Semiconductor ADT7475ARQZ-RL7 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
ADT7475
http://onsemi.com
8
Product Description
The ADT7475 is a complete thermal monitor and multiple
fan controller for any system requiring thermal monitoring
and cooling. The device communicates with the system via
a serial system management bus. The serial bus controller
has a serial data line for reading and writing addresses and
data (Pin 16), and an input line for the serial clock (Pin 1).
All control and programming functions for the ADT7475
are performed over the serial bus. In addition, a pin can be
reconfigured as an SMBALERT output to signal
out−of−limitconditions.
Quick Comparison Between ADT7473 and ADT7475
The ADT7473 supports advanced dynamic TMIN
features while the ADT7475 does not.
Acoustic smoothing is improved on the ADT7475.
THERM can be selected as an output only on the
ADT7475.
The ADT7475 has two additional configuration
registers.
The ADT7475 has other minor register changes.
The ADT7475 is similar to the ADT7473 in that it is
powered by a supply no greater than 3.6 V. Exceeding this
specification results in irreversible damage to the ADT7475.
Signal pins (TACH/PWM) should be pulled up or clamped
to 3.6 V maximum. See the Specifications Section for more
information.
Recommended Implementation
Configuring the ADT7475 as shown in Figure 12 allows
the system designer to use the following features:
Two PWM outputs for fan control of up−to−three fans
(the front and rear chassis fans are connected in
parallel).
Three TACH fan speed measurement inputs.
VCC measured internally through Pin 3.
CPU temperature measured using the Remote 1
temperature channel.
Ambient temperature measured through the Remote 2
temperature channel.
Bidirectional THERM pin. This feature allows Intel
Pentium 4 PROCHOT monitoring and can function as
an overtemperature THERM output. The THERM pin
can alternatively be programmed as an SMBALERT
system interrupt output.
REAR
CHASSIS
FAN
Figure 12. ADT7475 Configuration
TACH2
PWM3
TACH3
D1+
D1–
GND
ADT7475
SCL
SDA
TACH1
PWM1
CPU FAN
SMBALERT
D2+
D2–
THERM
PROCHOT
CPU
ICH
FRONT
CHASSIS
FAN
AMBIENT
TEMPERATURE
Serial Bus Interface
On PCs and servers, control of the ADT7475 is carried out
using the SMBus. The ADT7475 is connected to this bus as
a slave device under the control of a master controller, which
is usually (but not necessarily) the ICH.
The ADT7475 has a fixed 7−bit serial bus address of
0101110 or 0x2E. The read/write bit must be added to get the
8−bit address (01011100 or 0x5C). Data is sent over the
serial bus in sequences of nine clock pulses, that is, eight bits
of data followed by an acknowledge bit from the slave
device. Transitions on the data line must occur during the
low period of the clock signal and remain stable during the
high period because a low−to−high transition when the clock
is high may be interpreted as a stop signal. The number of
data bytes that can be transmitted over the serial bus in a
single read or write operation is limited only by what the
master and slave devices can handle.
When all data bytes are read or written, stop conditions are
established. In write mode, the master pulls the data line high
during the tenth clock pulse to assert a stop condition.
In read mode, the master device overrides the acknowledge
bit by pulling the data line high during the low period before
the ninth clock pulse; this is known as no acknowledge. The
master takes the data line low during the low period before


Número de pieza similar - ADT7475ARQZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7475ARQZ-REEL AD-ADT7475ARQZ-REEL Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7475ARQZ-REEL ONSEMI-ADT7475ARQZ-REEL Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7475ARQZ-REEL ONSEMI-ADT7475ARQZ-REEL Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
logo
Analog Devices
ADT7475ARQZ-REEL7 AD-ADT7475ARQZ-REEL7 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results

Descripción similar - ADT7475ARQZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com