Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM840051KA Datasheet(PDF) 1 Page - Micrel Semiconductor

No. de pieza SM840051KA
Descripción Electrónicos  10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840051KA Datasheet(HTML) 1 Page - Micrel Semiconductor

  SM840051KA Datasheet HTML 1Page - Micrel Semiconductor SM840051KA Datasheet HTML 2Page - Micrel Semiconductor SM840051KA Datasheet HTML 3Page - Micrel Semiconductor SM840051KA Datasheet HTML 4Page - Micrel Semiconductor SM840051KA Datasheet HTML 5Page - Micrel Semiconductor SM840051KA Datasheet HTML 6Page - Micrel Semiconductor SM840051KA Datasheet HTML 7Page - Micrel Semiconductor SM840051KA Datasheet HTML 8Page - Micrel Semiconductor SM840051KA Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SM840051
10 Gigabit Ethernet Ultra-Low Jitter Clock
Synthesizer
RotaryWave is a trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2010
M9999-050710-C
hbwhelp@micrel.com or (408) 955-1690
General Description
The SM840051 clock synthesizer was designed for
Ethernet standards. The SM840051 is optimized for 77.76,
78.125, 80.56, 155.52, 156.25, and 161.13MHz, using a
crystal at 1/8th the output frequency. The SM840051
includes a unique power reduction methodology, along
with a patented RotaryWave™ architecture, that provides
a stable clock with very low noise for optimized
performance. This yields an overall improved Bit Error
Rate (BER) and improved waveform integrity.
Power supplies of either 3.3V or 2.5V are supported, with
superior jitter and phase noise performance. An FSEL pin
supports 4x or 8x multiplication of the crystal frequency.
The SM840051 provides ultra-low jitter, and consumes low
power.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates a single LVCMOS/LVTTL output
• Output Frequencies: 77.76, 78.125, 80.56, 155.52,
156.25, and 161.13MHz
• RMS Phase Jitter at 156.25MHz( 1.875MHz-20MHz):
58fs (typical)
• Integrated loop filter components
• Operates with either a 3.3V or 2.5V supply
• Power consumption is <77mA @ 3.3 V
• Fundamental parallel resonant crystal
• Crystal Frequencies: 20.141601MHz,19.53125MHz, and
19.44MHz
• Industrial temperature range: –40°C to +75°C
• Available in 8-pin TSSOP package
Applications
• 10 Gigabit Ethernet
• SONET/SDH
____________________________________________________________________________
Block Diagram


Número de pieza similar - SM840051KA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
More results

Descripción similar - SM840051KA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com