Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

043057090200 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza 043057090200
Descripción Electrónicos  Power Relay 430
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

043057090200 Datasheet(HTML) 1 Page - Tyco Electronics

  043057090200 Datasheet HTML 1Page - Tyco Electronics 043057090200 Datasheet HTML 2Page - Tyco Electronics 043057090200 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power Relay 430
I 1 pole 16 A or 2 pole 10 A in NO, CO and NC versions
I DC- and AC-coil
I 4 kV / 8 mm coil-contact
I PCB mounting or quick connect terminals
I Mounting brackets or snap mounting
I Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0349
Applications
Motors, electro valves
F0257-A
Approvals
V 1 pole: REG.-Nr. A548, 2 pole: REG.-Nr. A516, Z E214025
Technical data of approved types on request
Contact data
1-pole
2-pole
Contact configuration
1CO, 1NO, 1NC
2CO, 2NO, 2NC
Contact set
single contact
single contact
Type of interruption
micro disconnection micro disconnection
Rated current
16 A
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
240/400 VAC
Maximum breaking capacity AC
4000 VA
2500 VA
Limiting making capacity, max 4 s, duty factor 10%
25 A
15 A
Contact material
AgCu3, AgCdO
AgCu3, AgCdO
Mechanical endurance
> 2,5x105 cycles
Rated frequency of operation with / without load
15 / 600 min-1
Contact ratings
Type
Load
Cycles
1 pole
16 A, 250 VAC, resistive
2,5x105
2 pole
10 A, 250 VAC, resistive
2,5x105
Coil data
Rated coil voltage range DC coil
6...110 VDC
AC coil
6...240 VAC
Coil power DC coil
1 W
AC coil
1,8 VA
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
09
12
7.8
0.6
145+10%
993
10
24
15.6
1.2
580+10%
993
11
48
31.2
2.4
2200+10%
1047
13
110
71.5
5.5
13000+10%
931
03
60
42.0
4.5
7500+10%
480
Coil versions, AC-coil 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ohm
VA
03
24
18.0
3.6
200+10%
1.8
05
60
45.0
9.0
1250+10%
1.8
06
110
83.0
16.0
4500+10%
1.8
07
230
170.0
35.0
17500+10%
1.8
03
60
42.0
4.5
7500+10%
1.8
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Número de pieza similar - 043057090200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
0430500000 WEIDMULLER-0430500000 Datasheet
1Mb / 52P
   SAK-series
logo
Tyco Electronics
043054090100 MACOM-043054090100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043054091100 MACOM-043054091100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043055090100 MACOM-043055090100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043055091100 MACOM-043055091100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
More results

Descripción similar - 043057090200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
430 MACOM-430_09 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
logo
NTE Electronics
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
   430 MHz Lowpass Filter
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
logo
KR Electronics, Inc.
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
   430 MHz Lowpass Filter
logo
Johanson Technology Inc...
0430BL15A0100 JOHANSON-0430BL15A0100 Datasheet
205Kb / 2P
   430 MHz 1:2 Balun
logo
List of Unclassifed Man...
ABT-430-RC ETC2-ABT-430-RC Datasheet
269Kb / 1P
   ABT-430-RC SPECIFICATION SHEET
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
   430 Series Surface Mount Crystal Oscillators
logo
PCE Instruments.
PCE-430 PCE-PCE-430 Datasheet
678Kb / 3P
   Sound Level Data Logger PCE-430
logo
Marathon Special Produc...
HVPB103 MARATHON-HVPB103 Datasheet
94Kb / 3P
   430 Amps 1500 Volts AC/DC
REV-A 07/25/13
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com