Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA19978A Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA19978A
Descripción Electrónicos  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA19978A Datasheet HTML 2Page - NXP Semiconductors TDA19978A Datasheet HTML 3Page - NXP Semiconductors TDA19978A Datasheet HTML 4Page - NXP Semiconductors TDA19978A Datasheet HTML 5Page - NXP Semiconductors TDA19978A Datasheet HTML 6Page - NXP Semiconductors TDA19978A Datasheet HTML 7Page - NXP Semiconductors TDA19978A Datasheet HTML 8Page - NXP Semiconductors TDA19978A Datasheet HTML 9Page - NXP Semiconductors TDA19978A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TDA19978A_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
6 of 38
NXP Semiconductors
TDA19978A
Quad HDMI 1.3a receiver with digital processing
VSSH
24
G
HDMI receiver ground
RXC2
25
I
HDMI input C negative data channel 2
RXC2+
26
I
HDMI input C positive data channel 2
VPP
27
P
OTP memory programming voltage[2]
VDDC(1V8)
28
P
digital core supply voltage; 1.8 V
VDDO(3V3)
29
P
video port output supply voltage; 3.3 V
VCLK
30
O
video clock output
VSSO
31
G
video port output ground
CS/FREF
32
O
composite synchronization output
composite field output signal
VS/VREF
33
O
vertical synchronization output
vertical reference output
HS/HREF
34
O
horizontal synchronization output
reference output
DE
35
O
data enable output
VP[0]
36
O
video port output bit 0
VSSC
37
G
digital core ground
VP[1]
38
O
video port output bit 1
VP[2]
39
O
video port output bit 2
VP[3]
40
O
video port output bit 3
VDDO(3V3)
41
P
video port output supply voltage; 3.3 V
VDDC(1V8)
42
P
digital core supply voltage; 1.8 V
VSSO
43
G
video port output ground
VP[4]
44
O
video port output bit 4
VP[5]
45
O
video port output bit 5
VP[6]
46
O
video port output bit 6
VP[7]
47
O
video port output bit 7
VP[8]
48
O
video port output bit 8
VP[9]
49
O
video port output bit 9
VP[10]
50
O
video port output bit 10
VP[11]
51
O
video port output bit 11
VDDO(3V3)
52
P
video port output supply voltage; 3.3 V
VP[12]
53
O
video port output bit 12
VSSO
54
G
video port output ground
VP[13]
55
O
video port output bit 13
VP[14]
56
O
video port output bit 14
VP[15]
57
O
video port output bit 15
VP[16]
58
O
video port output bit 16
VP[17]
59
O
video port output bit 17
VP[18]
60
O
video port output bit 18
VP[19]
61
O
video port output bit 19
Table 3.
Pin description …continued
Symbol
Pin
Type[1] Description


Número de pieza similar - TDA19978A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Descripción similar - TDA19978A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com