Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA19978BHV Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza TDA19978BHV
Descripción Electrónicos  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978BHV Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA19978BHV Datasheet HTML 1Page - NXP Semiconductors TDA19978BHV Datasheet HTML 2Page - NXP Semiconductors TDA19978BHV Datasheet HTML 3Page - NXP Semiconductors TDA19978BHV Datasheet HTML 4Page - NXP Semiconductors TDA19978BHV Datasheet HTML 5Page - NXP Semiconductors TDA19978BHV Datasheet HTML 6Page - NXP Semiconductors TDA19978BHV Datasheet HTML 7Page - NXP Semiconductors TDA19978BHV Datasheet HTML 8Page - NXP Semiconductors TDA19978BHV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TDA19978B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 10 May 2010
5 of 38
NXP Semiconductors
TDA19978B
Quad HDMI 1.3a receiver with digital processing
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration for TDA19978B
TDA19978BHV
001aai416
108
73
1
36
Table 3.
Pin description
Symbol
Pin
Type[1] Description
VSSC
1
G
ground for the digital core
PD
2
I
power-down control input (active HIGH)
VDDH(3V3)
3
P
HDMI receiver supply voltage; 3.3 V
RXDC+
4
I
HDMI input D positive clock channel
RXDC
5
I
HDMI input D negative clock channel
VSSH
6
G
HDMI receiver ground
RXCC
7
I
HDMI input C negative clock channel
RXCC+
8
I
HDMI input C positive clock channel
VDDH(3V3)
9
P
HDMI receiver supply voltage; 3.3 V
RXD0+
10
I
HDMI input D positive data channel 0
RXD0
11
I
HDMI input D negative data channel 0
VSSH
12
G
HDMI receiver ground
RXC0
13
I
HDMI input C negative data channel 0
RXC0+
14
I
HDMI input C positive data channel 0
VDDH(1V8)
15
P
HDMI receiver supply voltage; 1.8 V
RXD1+
16
I
HDMI input D positive data channel 1
RXD1
17
I
HDMI input D negative data channel 1
VSSH
18
G
HDMI receiver ground
RXC1
19
I
HDMI input C negative data channel 1
RXC1+
20
I
HDMI input C positive data channel 1
VDDH(3V3)
21
P
HDMI receiver supply voltage; 3.3 V
RXD2+
22
I
HDMI input D positive data channel 2
RXD2
23
I
HDMI input D negative data channel 2


Número de pieza similar - TDA19978BHV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978AHV NXP-TDA19978AHV Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
More results

Descripción similar - TDA19978BHV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com