Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

043017031200 Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza 043017031200
Descripción Electrónicos  Power Relay 430
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

043017031200 Datasheet(HTML) 3 Page - Tyco Electronics

  043017031200 Datasheet HTML 1Page - Tyco Electronics 043017031200 Datasheet HTML 2Page - Tyco Electronics 043017031200 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product key
0430
00
Type
Mounting
0
PCB version
2
snap mounting
1
mounting brackets
5
DIN-rail mounting
Version
6
1 pole
7
2 pole
Coil
Coil code: please refer to coil versions table
Contact material
0
AgCu 3
1
AgCdO
Contact configuration
1
1 NO contact
4
2 NO contacts
2
1 NC contact
5
2 NC contacts
3
1 CO contact
6
2 CO contacts
Other types on request
Product key
Version
Cont-material
Cont.configuration
Coil
Coil
Part number
0430 16 0911 00
mounting brackets
AgCdO
1 NO contact
DC-coil
12 VDC
8-1415430-1
0430 16 1011 00
24 VDC
8-1415430-3
0430 16 1013 00
1 CO contact
8-1415430-5
0430 17 0916 00
2 CO contacts
12 VDC
0-1415404-1
0430 17 1016 00
24 VDC
0-1415404-4
0430 26 0713 00
snap mounting
1 CO contact
AC-coil
220 VAC
2-1415404-3
0430 27 0716 00
1.0mm plate
2 CO contacts
2-1415404-8
Dimensions
S0449-AC
Mounting brackets
S0449-AE
DIN-rail mount
S0449-AK
3
Power Relay 430 (Continued)
General Purpose Relays
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.


Número de pieza similar - 043017031200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
043014090100 MACOM-043014090100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043014091100 MACOM-043014091100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043015090100 MACOM-043015090100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
043015091100 MACOM-043015091100 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
More results

Descripción similar - 043017031200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
430 MACOM-430_09 Datasheet
210Kb / 3P
   Power Relay 430 3 mm
logo
NTE Electronics
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
   430 MHz Lowpass Filter
logo
Elantec Semiconductor
EL6201C ELANTEC-EL6201C Datasheet
135Kb / 2P
   Low Power 430 MHz HFM Oscillator w/Disable
logo
KR Electronics, Inc.
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
   430 MHz Lowpass Filter
logo
Johanson Technology Inc...
0430BL15A0100 JOHANSON-0430BL15A0100 Datasheet
205Kb / 2P
   430 MHz 1:2 Balun
logo
List of Unclassifed Man...
ABT-430-RC ETC2-ABT-430-RC Datasheet
269Kb / 1P
   ABT-430-RC SPECIFICATION SHEET
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
   430 Series Surface Mount Crystal Oscillators
logo
PCE Instruments.
PCE-430 PCE-PCE-430 Datasheet
678Kb / 3P
   Sound Level Data Logger PCE-430
logo
Marathon Special Produc...
HVPB103 MARATHON-HVPB103 Datasheet
94Kb / 3P
   430 Amps 1500 Volts AC/DC
REV-A 07/25/13
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com