Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
043006071200 Datasheet(PDF) 1 Page - Tyco Electronics |
|
043006071200 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 3 page Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. General Purpose Relays 1 Power Relay 430 I 1 pole 16 A or 2 pole 10 A in NO, CO and NC versions I DC- and AC-coil I 4 kV / 8 mm coil-contact I PCB mounting or quick connect terminals I Mounting brackets or snap mounting I Product in accordance to IEC60335-1 I RoHS compliant (Directive 2002/95/EC) as per product date code 0349 Applications Motors, electro valves F0257-A Approvals V 1 pole: REG.-Nr. A548, 2 pole: REG.-Nr. A516, Z E214025 Technical data of approved types on request Contact data 1-pole 2-pole Contact configuration 1CO, 1NO, 1NC 2CO, 2NO, 2NC Contact set single contact single contact Type of interruption micro disconnection micro disconnection Rated current 16 A 10 A Rated voltage / max.switching voltage AC 240/400 VAC 240/400 VAC Maximum breaking capacity AC 4000 VA 2500 VA Limiting making capacity, max 4 s, duty factor 10% 25 A 15 A Contact material AgCu3, AgCdO AgCu3, AgCdO Mechanical endurance > 2,5x105 cycles Rated frequency of operation with / without load 15 / 600 min-1 Contact ratings Type Load Cycles 1 pole 16 A, 250 VAC, resistive 2,5x105 2 pole 10 A, 250 VAC, resistive 2,5x105 Coil data Rated coil voltage range DC coil 6...110 VDC AC coil 6...240 VAC Coil power DC coil 1 W AC coil 1,8 VA Operative range 2 Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 09 12 7.8 0.6 145+10% 993 10 24 15.6 1.2 580+10% 993 11 48 31.2 2.4 2200+10% 1047 13 110 71.5 5.5 13000+10% 931 03 60 42.0 4.5 7500+10% 480 Coil versions, AC-coil 50Hz Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VAC VAC VAC Ohm VA 03 24 18.0 3.6 200+10% 1.8 05 60 45.0 9.0 1250+10% 1.8 06 110 83.0 16.0 4500+10% 1.8 07 230 170.0 35.0 17500+10% 1.8 03 60 42.0 4.5 7500+10% 1.8 All figures are given for coil without preenergization, at ambient temperature +23°C Other coil voltages on request |
Número de pieza similar - 043006071200 |
|
Descripción similar - 043006071200 |