Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC487B Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza BC487B
Descripción Electrónicos  High Current Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC487B Datasheet(HTML) 3 Page - ON Semiconductor

  BC487B Datasheet HTML 1Page - ON Semiconductor BC487B Datasheet HTML 2Page - ON Semiconductor BC487B Datasheet HTML 3Page - ON Semiconductor BC487B Datasheet HTML 4Page - ON Semiconductor BC487B Datasheet HTML 5Page - ON Semiconductor BC487B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC487, BC487B
http://onsemi.com
3
Figure 2. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
200
70
50
30
20
10
7.0
5.0
3.0
2.0
300
200
100
70
50
30
VCE = 2.0 V
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
80
60
40
20
10
4.0
TJ = 25°C
Cobo
Cibo
8.0
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
500
50
30
20
10
7.0
5.0
1.0 k
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = 0.5 V
100
6.0
200
100
70
300
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
20k
50k 100k
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN−469)
TJ(pk) − TC = P(pk) ZqJC(t)
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
ZqJC(t) = r(t) • RqJC
ZqJA(t) = r(t) • RqJA
SINGLE PULSE


Número de pieza similar - BC487B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
BC487B CDIL-BC487B Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Descripción similar - BC487B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N6702 ETC1-2N6702 Datasheet
292Kb / 6P
   High-Current silicon NPN Versawatt Transistors
logo
ON Semiconductor
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
   One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N2195 NJSEMI-2N2195 Datasheet
125Kb / 1P
   HIGH-SPEED NPN SILICON, HIGH-CURRENT SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FZT851 ZETEX-FZT851 Datasheet
53Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Siemens Semiconductor G...
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
   NPN Silicon Darlington Transistors (High current gain High collector current)
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com