Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT24C05LI-GT3 Datasheet(PDF) 1 Page - ON Semiconductor |
|
CAT24C05LI-GT3 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 14 page © Semiconductor Components Industries, LLC, 2009 August, 2009 − Rev. 3 1 Publication Order Number: CAT24C03/D CAT24C03, CAT24C05 2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection Description The CAT24C03/05 is a 2−Kb/4−Kb CMOS Serial EEPROM device organized internally as 16/32 pages of 16 bytes each, for a total of 256x8/512x8 bits. These devices support both Standard (100 kHz) as well as Fast (400 kHz) I2C protocol. Data is written by providing a starting address, then loading 1 to 16 contiguous bytes into a Page Write Buffer, and then writing all data to non−volatile memory in one internal write cycle. Data is read by providing a starting address and then shifting out data serially while automatically incrementing the internal address count. Write operations can be inhibited for upper half of memory by taking the WP pin High. External address pins make it possible to address up to eight CAT24C03 or four CAT24C05 devices on the same bus. Features • Supports Standard and Fast I2C Protocol • 1.8 V to 5.5 V Supply Voltage Range • 16−Byte Page Write Buffer • Hardware Write Protection for Upper Half of Memory • Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs (SCL and SDA) • Low Power CMOS Technology • 1,000,000 Program/Erase Cycles • 100 Year Data Retention • Industrial Temperature Range • These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant SCL WP CAT24C03 Figure 1. Functional Symbol VSS SDA VCC A2, A1, A0 CAT24C05 http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 14 of this data sheet. ORDERING INFORMATION SOIC−8 W SUFFIX CASE 751BD TSOT−23 TD SUFFIX CASE 419AE PDIP−8 L SUFFIX CASE 646AA TSSOP8 Y SUFFIX CASE 948AL TDFN8 VP2 SUFFIX CASE 511AK VCC WP SDA VSS SCL 1 2 3 5 4 TSOT−23 (TD) PIN CONFIGURATIONS (Top Views) SDA SCL WP VCC VSS A2/A2 A1/A1 NC/A0 1 2 3 4 8 7 6 5 CAT24C05/03 PDIP (L), SOIC (W), TSSOP (Y), TDFN (VP2) PIN FUNCTION Pin Name A0, A1, A2 Function Device Address Inputs SDA Serial Data Input/Output SCL Serial Clock Input WP Write Protect Input VCC Power Supply VSS Ground NC No Connect |
Número de pieza similar - CAT24C05LI-GT3 |
|
Descripción similar - CAT24C05LI-GT3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |