Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28C256T13-12T Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT28C256T13-12T
Descripción Electrónicos  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256T13-12T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT28C256T13-12T Datasheet HTML 2Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 3Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 4Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 5Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 6Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 7Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 8Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 9Page - ON Semiconductor CAT28C256T13-12T Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT28C256
http://onsemi.com
6
DEVICE OPERATION
Read
Data stored in the CAT28C256 is transferred to the data
bus when WE is held high, and both OE and CE are held low.
The data bus is set to a high impedance state when either CE
or OE goes high. This 2−line control architecture can be used
to eliminate bus contention in a system environment.
Byte Write
A write cycle is executed when both CE and WE are low,
and OE is high. Write cycles can be initiated using either WE
or CE, with the address input being latched on the falling
edge of WE or CE, whichever occurs last. Data, conversely,
is latched on the rising edge of WE or CE, whichever occurs
first. Once initiated, a byte write cycle automatically erases
the addressed byte and the new data is written within 5 ms.
Figure 4. Read Cycle
ADDRESS
DATA OUT
DATA VALID
DATA VALID
HIGH−Z
tOHZ
tHZ
tAA
tOH
tOE
tOLZ
tCE
tLZ
tRC
VIH
CE
OE
WE
Figure 5. Byte Write Cycle [WE Controlled]
ADDRESS
DATA OUT
DATA IN
DATA VALID
HIGH−Z
WE
OE
CE
tAH
tAS
tCS
tCH
tWP
tOES
tOEH
tBLC
tDS
tDH
tWC


Número de pieza similar - CAT28C256T13-12T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28C256T13-12T CATALYST-CAT28C256T13-12T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
CAT28C256T13-12T CATALYST-CAT28C256T13-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Descripción similar - CAT28C256T13-12T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com