Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28C65BLA15 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CAT28C65BLA15
Descripción Electrónicos  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C65BLA15 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT28C65BLA15 Datasheet HTML 5Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 6Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 7Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 8Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 9Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 10Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 11Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 12Page - ON Semiconductor CAT28C65BLA15 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT28C65B
10
Doc. No. MD-1009, Rev. H
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
SOFTWARE DATA
PROTECTION ACTIVATED
(1)
WRITE DATA:
XX
WRITE LAST BYTE
TO
LAST ADDRESS
TO ANY ADDRESS
WRITE DATA:
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
A0
ADDRESS:
1555
Note:
(1)
Write protection is activated at this point whether or not any more writes are completed. Writing to addresses must occur within tBLC
Max., after SDP activation.
HARDWARE DATA PROTECTION
The following is a list of hardware data protection features
that are incorporated into the CAT28C65B.
(1) VCC sense provides for write protection when VCC
falls below 3.5V min.
(2) A power on delay mechanism, tINIT (see AC
characteristics), provides a 5 to 10 ms delay before
a write sequence, after VCC has reached 3.5V min.
(3) Write inhibit is activated by holding any one of OE
low, CE high or WE high.
(4) Noise pulses of less than 20 ns on the WE or CE
inputs will not result in a write cycle.
SOFTWARE DATA PROTECTION
The CAT28C65B features a software controlled data
protection scheme which, once enabled, requires a data
algorithm to be issued to the device before a write can be
performed. The device is shipped from Catalyst with the
software protection NOT ENABLED (the CAT28C65B is
in the standard operating mode).
Figure 9. Write Sequence for Activating Software
Data Protection
Figure 10. Write Sequence for Deactivating
Software Data Protection
WRITE DATA:
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
80
ADDRESS:
1555
WRITE DATA:
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
20
ADDRESS:
1555


Número de pieza similar - CAT28C65BLA15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28C65BLA-12T CATALYST-CAT28C65BLA-12T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65BLA-15T CATALYST-CAT28C65BLA-15T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65BLA-90T CATALYST-CAT28C65BLA-90T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Descripción similar - CAT28C65BLA15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com