Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT64LC40JA-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT64LC40JA-GT3
Descripción Electrónicos  4 kb SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT64LC40JA-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT64LC40JA-GT3 Datasheet HTML 1Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 2Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 3Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 4Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 5Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 6Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 7Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 8Page - ON Semiconductor CAT64LC40JA-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT64LC40
http://onsemi.com
4
Table 6. POWER−UP TIMING (Notes 8 and 9)
Symbol
Parameter
Min
Max
Units
tPUR
Power−Up to Read Operation
10
ms
tPUW
Power−Up to Program Operation
1
ms
8. This parameter is tested initially and after a design or process change that affects the parameter.
9. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Table 7. WRITE CYCLE LIMITS
Symbol
Parameter
Min
Max
Units
tWR
Program Cycle Time
2.5 V
10
ms
4.5 V − 6.0 V
5
Table 8. INSTRUCTION SET
Instruction
Opcode
Address
Data
Read
10101000
A7 A6 A5 A4 A3 A2 A1 A0
D15 − D0
Write
10100100
A7 A6 A5 A4 A3 A2 A1 A0
D15 − D0
Write Enable
10100011
X X X X X X X X
Write Disable
10100000
X X X X X X X X
[Write All Locations] (Note 10)
10100001
X X X X X X X X
D15 − D0
10.(Write All Locations) is a test mode operation and is therefore not included in the AC/DC Operations specifications.
INPUT PULSE LEVELS
REFERENCE POINTS
Figure 2. AC Testing Input/Output Waveform (Notes 11, 12 and 13) (CL = 100 pF)
VCC x 0.3
VCC x 0.7
VCC x 0.8
VCC x 0.2
11. Input Rise and Fall Times (10% to 90%) < 10 ns.
12.Input Pulse Levels = VCC x 0.2 and VCC x 0.8.
13.Input and Output Timing Reference = VCC x 0.3 and VCC x 0.7.


Número de pieza similar - CAT64LC40JA-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT64LC40JATE13 CATALYST-CAT64LC40JATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40JATE13 CATALYST-CAT64LC40JATE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Descripción similar - CAT64LC40JA-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010WF ONSEMI-NV25010WF Datasheet
191Kb / 12P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com