Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C56LE-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT93C56LE-GT3
Descripción Electrónicos  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C56LE-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT93C56LE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT93C56LE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 18
1
Publication Order Number:
CAT93C56/D
CAT93C56, CAT93C57
2-Kb Microwire Serial
CMOS EEPROM
Description
The CAT93C56/57 is a 2−kb CMOS Serial EEPROM device which
is organized as either 128 registers of 16 bits (ORG pin at VCC) or 256
registers of 8 bits (ORG pin at GND). Each register can be written (or
read) serially by using the DI (or DO) pin. The CAT93C56/57 features
sequential read and self−timed internal write with auto−clear. On−chip
Power−On Reset circuitry protects the internal logic against powering
up in the wrong state.
Features
High Speed Operation: 2 MHz
1.8 V to 5.5 V Supply Voltage Range
Selectable x8 or x16 Memory Organization
Sequential Read
Software Write Protection
Power−up Inadvertant Write Protection
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Ranges
8−pin PDIP, SOIC, TSSOP and 8−pad TDFN Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
SK
DI
ORG
DO
CAT93C57
GND
CS
VCC
CAT93C56
Figure 1. Functional Symbol
NOTE: When the ORG pin is connected to VCC, the x16 organization is selected.
When it is connected to ground, the x8 pin is selected. If the ORG pin is left
unconnected, then an internal pullup device will select the x16 organization.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
PIN CONFIGURATIONS
GND
NC
VCC
DO
DI
SK
CS
1
SOIC−8
V or W SUFFIX
CASE 751BD
TDFN−8
VP2 SUFFIX
CASE 511AK
ORG
PDIP (L), SOIC (V, X),
TSSOP (Y), TDFN (VP2, ZD4*)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Clock Input
SK
Serial Data Input
DI
Serial Data Output
DO
Power Supply
VCC
Ground
GND
Function
Pin Name
PIN FUNCTION
Memory Organization
ORG
No Connection
NC
1
DI
DO
GND
ORG
SK
VCC
NC
CS
SOIC (W*)
(Top Views)
SOIC−8 EIAJ
X SUFFIX
CASE 751BE
TDFN−8
ZD4 SUFFIX
CASE 511AL
* TDFN 3x3 mm (ZD4) and
SOIC (W) rotated pin−out
packages are available for
CAT93C57 and CAT93C56,
Rev. E only (not recommen-
ded for new designs of
CAT93C56)


Número de pieza similar - CAT93C56LE-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C56LE-GT3E CATALYST-CAT93C56LE-GT3E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Descripción similar - CAT93C56LE-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com