Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C76LI-GT2 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT93C76LI-GT2
Descripción Electrónicos  8-Kb Microwire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C76LI-GT2 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT93C76LI-GT2 Datasheet HTML 1Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 2Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 3Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 4Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 5Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 6Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 3
1
Publication Order Number:
CAT93C76/D
CAT93C76
8-Kb Microwire Serial
EEPROM
Description
The CAT93C76 is an 8−Kb Serial EEPROM memory device which
is configured as either registers of 16 bits (ORG pin at VCC or Not
Connected) or 8 bits (ORG pin at GND). Each register can be written
(or read) serially by using the DI (or DO) pin. The CAT93C76 is
manufactured using ON Semiconductor’s advanced CMOS EEPROM
floating gate technology. The device is designed to endure 1,000,000
program/erase cycles and has a data retention of 100 years. The device
is available in 8−pin PDIP, SOIC, TSSOP and 8−pad TDFN packages.
Features
High Speed Operation: 3 MHz @ VCC ≥ 2.5 V
Low Power CMOS Technology
1.8 to 5.5 Volt Operation
Selectable x8 or x16 Memory Organization
Self−timed Write Cycle with Auto−clear
Software Write Protection
Power−up Inadvertant Write Protection
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Ranges
Sequential Read
“Green” Package Option Available
This Device is Pb−Free, Halogen Free/BFR Free and RoHS
Compliant
CS
SK
ORG
DO
DI
GND
VCC
Figure 1. Functional Symbol
NOTE: When the ORG pin is connected to VCC, the x16 organization is selected.
When it is connected to ground, the x8 organization is selected. If the ORG pin
is left unconnected, then an internal pull−up device will select the x16 organization.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
PIN CONFIGURATION
GND
NC
VCC
DO
DI
SK
CS
1
SOIC−8
V SUFFIX
CASE 751BD
ORG
PDIP (L), SOIC (V),
TSSOP (Y), TDFN (ZD4)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Clock Input
SK
Serial Data Input
DI
Serial Data Output
DO
Power Supply
VCC
Ground
GND
Function
Pin Name
PIN FUNCTION
Memory Organization
ORG
No Connection
NC
TDFN−8
ZD4 SUFFIX
CASE 511AL


Número de pieza similar - CAT93C76LI-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C76LI-GT2 CATALYST-CAT93C76LI-GT2 Datasheet
230Kb / 13P
   8K-Bit Microwire Serial EEPROM
More results

Descripción similar - CAT93C76LI-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAT93C76 ONSEMI-CAT93C76_13 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com