Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT93C76LI-GT2 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza CAT93C76LI-GT2
Descripción Electrónicos  8-Kb Microwire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C76LI-GT2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT93C76LI-GT2 Datasheet HTML 4Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 5Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 6Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 7Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 8Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 9Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 10Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 11Page - ON Semiconductor CAT93C76LI-GT2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT93C76
http://onsemi.com
11
PACKAGE DIMENSIONS
TDFN8, 3x3
CASE 511AL−01
ISSUE A
E2
A3
eb
A
A1
SIDE VIEW
BOTTOM VIEW
E
D
TOP VIEW
PIN#1 INDEX AREA
PIN#1 ID
FRONT VIEW
A1
A
L
D2
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC MO-229.
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.23
0.30
0.37
D
2.90
3.00
3.10
D2
2.20
−−−
2.50
E
3.00
E2
1.40
−−−
1.80
e
2.90
0.65 TYP
3.10
L
0.20
0.30
0.40


Número de pieza similar - CAT93C76LI-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT93C76LI-GT2 CATALYST-CAT93C76LI-GT2 Datasheet
230Kb / 13P
   8K-Bit Microwire Serial EEPROM
More results

Descripción similar - CAT93C76LI-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAT93C76 ONSEMI-CAT93C76_13 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com